Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75174
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75174 Datasheet(HTML) 1 Page - Texas Instruments

  SN75174 Datasheet HTML 1Page - Texas Instruments SN75174 Datasheet HTML 2Page - Texas Instruments SN75174 Datasheet HTML 3Page - Texas Instruments SN75174 Datasheet HTML 4Page - Texas Instruments SN75174 Datasheet HTML 5Page - Texas Instruments SN75174 Datasheet HTML 6Page - Texas Instruments SN75174 Datasheet HTML 7Page - Texas Instruments SN75174 Datasheet HTML 8Page - Texas Instruments SN75174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN75174
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS039B – OCTOBER 1980 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standards EIA/TIA-422-B and RS-485
and ITU Recommendation V.11.
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D 3-State Outputs
D Common-Mode Output Voltage Range of
– 7 V to 12 V
D Active-High Enable
D Thermal Shutdown Protection
D Positive- and Negative-Current Limiting
D Operates From Single 5-V Supply
D Low Power Requirements
D Functionally Interchangeable With MC3487
description
The
SN75174
is
a
monolithic
quadruple
differential line driver with 3-state outputs. It is
designed to meet the requirements of ANSI
Standards EIA/TIA-422-B and RS-485 and ITU
Recommendation V.11. The device is optimized
for balanced multipoint bus transmission at rates
up to 4 megabaud. Each driver features wide
positive and negative common-mode output
voltage ranges making it suitable for party-line
applications in noisy environments.
The SN75174 provides positive- and negative-current limiting and thermal shutdown for protection from line
fault conditions on the transmission bus line. Shutdown occurs at a junction temperature of approximately
150
°C. This device offers optimum performance when used with the SN75173 or SN75175 quadruple
differential line receivers.
The SN75174 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUT
ENABLE
OUTPUTS
INPUT
ENABLE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
H = TTL high level, X = irrelevant,
L = TTL low level, Z = high impedance (off)
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1, 2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3, 4EN
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1Y
NC
1Z
1, 2EN
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
3, 4EN
3Z
NC
3Y
3A
DW PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN75174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
915Kb / 16P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75174DW TI-SN75174DW Datasheet
915Kb / 16P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75174DWG4 TI-SN75174DWG4 Datasheet
915Kb / 16P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75174DWR TI-SN75174DWR Datasheet
915Kb / 16P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75174DWRE4 TI-SN75174DWRE4 Datasheet
915Kb / 16P
QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVER
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
Quadruple Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com