Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTIHLP125F-R36M Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHLP125F-R36M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHLP125F-R36M Datasheet(HTML) 1 Page - Central Technologies

  CTIHLP125F-R36M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.29.08
SPECIFICATIONS
Parts are only available ±20% inductance tolerance only
L Test
*Irms
**Isat
DCR
Part
Inductance
Freq.
Typ.
Typ.
Max.
Number
(µH)
(KHz)
(A)
(A)
(m
Ω
Ω)
CTIHLP125F-R36M
0.36
100
43
50
0.90
CTIHLP125F-R47M
0.47
100
37
46
1.20
CTIHLP125F-R50M
0.50
100
37
46
1.20
CTIHLP125F-1R0M
1.00
100
29
37
2.50
CTIHLP125F-2R2M
2.20
100
20
20
5.20
CTIHLP125F Series
From .36 µH to 2.2 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: High density DC/DC converters. POL converters.
High current VRM/VRD for notebooks, Servers, and desktop
CPUs. High speed chargers.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100KHz, 0.5V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERN
A
B
D
C
XXX
Marking: Inductance Code
5.0
11.5
3.5
Unit: mm
RoHS
Compliant
*Irms DC current (A) will cause an approximately
ΔT of 40°C.
**Isat DC current (A) will cause L0 to drop approximately 20%.
Size
A
B
C
D
Max.
Max.
Max.
Typ.
mm
12.8
13.8
5.0
3.7
inches
0.50
0.54
0.20
0.14


Similar Part No. - CTIHLP125F-R36M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHLP104F CT-CTIHLP104F Datasheet
506Kb / 1P
Power Inductors - Shielded
CTIHLP104F-1R0M CT-CTIHLP104F-1R0M Datasheet
506Kb / 1P
Power Inductors - Shielded
CTIHLP104F-2R5M CT-CTIHLP104F-2R5M Datasheet
506Kb / 1P
Power Inductors - Shielded
CTIHLP104F-R36M CT-CTIHLP104F-R36M Datasheet
506Kb / 1P
Power Inductors - Shielded
CTIHLP104F-R45M CT-CTIHLP104F-R45M Datasheet
506Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTIHLP125F-R36M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com