Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN3501 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN3501
Description  Internally Matched LNA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN3501 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN3501 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN3501 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN3501 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
www.asb.co.kr
March 2009
plerowTM ALN3501
Internally Matched LNA Module
1)
The tantal or MLC (Multi Layer Ceramic) capacitor is optional and for bypassing the AC noise introduced
from the DC supply. The capacitance value may be determined by customer’s DC supply status. The ca-
pacitor should be placed as close as possible to Vs pin and be connected directly to the ground plane for
the best electrical performance.
2)
DC blocking capacitors are always necessarily placed at the input and output port for allowing only the
RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are in-
cluded inside the ALN module. Therefore, C1 & C2 capacitors may not be necessary, but can be added
just in case that the customer wants. The value of C1 & C2 is determined by considering the application
frequency. C3 shall be used for matching.
Application Circuit
Recommended Soldering Reflow Process
20~40 sec
260
°C
200
°C
150
°C
60~180 sec
Ramp-up
(3˚C/sec)
Ramp-down
(6
°C/sec)
IN
OUT
Vs
Size 25x25mm
(for ALN Series – 13x13mm)
Evaluation Board Layout
+
-
ALN
OUT
IN
C1
C2
VS
Tantal or MLC (Multi Layer Ceramic)
Capacitor
(Mandatory)
C3 = 0.3pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com