Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75176AP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176AP
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75176AP Datasheet HTML 5Page - Texas Instruments SN75176AP Datasheet HTML 6Page - Texas Instruments SN75176AP Datasheet HTML 7Page - Texas Instruments SN75176AP Datasheet HTML 8Page - Texas Instruments SN75176AP Datasheet HTML 9Page - Texas Instruments SN75176AP Datasheet HTML 10Page - Texas Instruments SN75176AP Datasheet HTML 11Page - Texas Instruments SN75176AP Datasheet HTML 12Page - Texas Instruments SN75176AP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.3
0.2
0.1
0
020
30
50
0.4
0.5
70
80
10
40
60
VCC = 5 V
VID = – 0.2 V
IOL = 8 mA
TA – Free-Air Temperature – °C
Figure 13
2
1
0
0
0.5
1
1.5
3
4
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
5
2
2.5
3
VID = 0.2 V
Load = 8 k
Ω to GND
TA = 25°C
VCC = 5 V
VCC = 4.75 V
VI – Enable Voltage – V
VCC = 5.25 V
3
2
1
0
0
0.5
1
4
5
RECEIVER
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
6
1.5
2
2.5
3
VID = 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
VI – Enable Voltage – V
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com