Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75176 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75176
Description  DIFFERENTIAL BUS TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176 Datasheet(HTML) 1 Page - Texas Instruments

  SN75176 Datasheet HTML 1Page - Texas Instruments SN75176 Datasheet HTML 2Page - Texas Instruments SN75176 Datasheet HTML 3Page - Texas Instruments SN75176 Datasheet HTML 4Page - Texas Instruments SN75176 Datasheet HTML 5Page - Texas Instruments SN75176 Datasheet HTML 6Page - Texas Instruments SN75176 Datasheet HTML 7Page - Texas Instruments SN75176 Datasheet HTML 8Page - Texas Instruments SN75176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Bidirectional Transceiver
D Meets or Exceeds the Requirements of
ANSI Standards EIA/TIA-422-B and ITU
Recommendation V.11
D Designed for Multipoint Transmission on
Long Bus Lines in Noisy Environments
D 3-State Driver and Receiver Outputs
D Individual Driver and Receiver Enables
D Wide Positive and Negative Input/Output
Bus Voltage Ranges
D Driver Output Capability... ±60 mA Max
D Thermal-Shutdown Protection
D Driver Positive- and Negative-Current
Limiting
D Receiver Input Impedance...12 kΩ Min
D Receiver Input Sensitivity... ±200 mV
D Receiver Input Hysteresis...50 mV Typ
D Operates From Single 5-V Supply
D Low Power Requirements
description
The SN75176A differential bus transceiver is a monolithic integrated circuit designed for bidirectional data
communication on multipoint bus-transmission lines. It is designed for balanced transmission lines and meets
ANSI Standard EIA/TIA-422-B and ITU Recommendation V.11.
The SN75176A combines a 3-state differential line driver and a differential input line receiver, both of which
operate from a single 5-V power supply. The driver and receiver have active-high and active-low enables,
respectively, that can be externally connected together to function as a direction control. The driver differential
outputs and the receiver differential inputs are connected internally to form differential input /output (I/O) bus
ports that are designed to offer minimum loading to the bus whenever the driver is disabled or VCC = 0. These
ports feature wide positive and negative common-mode voltage ranges making the device suitable for party-line
applications.
The driver is designed to handle loads up to 60 mA of sink or source current. The driver features positive- and
negative-current limiting and thermal shutdown for protection from line fault conditions. Thermal shutdown is
designed to occur at a junction temperature of approximately 150
°C. The receiver features a minimum input
impedance of 12 k
Ω, an input sensitivity of ±200 mV, and a typical input hysteresis of 50 mV.
The SN75176A can be used in transmission-line applications employing the SN75172 and SN75174 quadruple
differential line drivers and SN75173 and SN75175 quadruple differential line receivers.
The SN75176A is characterized for operation from 0
°C to 70°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75176 TI-SN75176 Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Texas Instruments
SN75176A TI-SN75176A Datasheet
466Kb / 19P
DIFFERENTIAL BUS TRANSCEIVER
SN75176AD TI-SN75176AD Datasheet
466Kb / 19P
DIFFERENTIAL BUS TRANSCEIVER
SN75176ADE4 TI-SN75176ADE4 Datasheet
466Kb / 19P
DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com