Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLL1608J-R10J Datasheet(PDF) 1 Page - Central Technologies

Part # CTLL1608J-R10J
Description  Multi-layer Chip Inductors - Ceramic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL1608J-R10J Datasheet(HTML) 1 Page - Central Technologies

  CTLL1608J-R10J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ceramic
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
mm
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
inches
0.06±0.006
0.03±0.006
0.03±0.006
0.01±0.008
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLL16083N3_
S = ±0.3nH, J = ±5%, K = ±10%
* S or K only
** J, K only
CTLL1608F Please specify “F” for RoHS Compliant
.
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTLL1608_-1N2S
1.2
100
40
800
>6000
.10
300
CTLL1608_-1N5S
1.5
100
38
800
>6000
.10
300
CTLL1608_-1N8S
1.8
100
36
800
>6000
.12
300
CTLL1608_-2N2S
2.2
100
34
800
>6000
.16
300
CTLL1608_-2N7S
2.7
100
32
800
>6000
.20
300
CTLL1608_-3N3_*
3.3
100
30
800
5700
.22
300
CTLL1608_-3N9_*
3.9
100
32
800
5600
.25
300
CTLL1608_-4N7_*
4.7
100
32
800
4800
.28
300
CTLL1608_-5N6_*
5.6
100
32
800
4350
.29
300
CTLL1608_-6N8_**
6.8
100
32
800
3750
.30
300
CTLL1608_-8N2_**
8.2
100
28
800
3300
.33
300
CTLL1608_-10N_**
10
100
31
800
2850
.35
300
CTLL1608_-12N_**
12
100
30
800
2700
.40
300
CTLL1608_-15N_**
15
100
26
800
2400
.45
300
CTLL1608_-18N_**
18
100
25
800
2050
.50
300
CTLL1608_-22N_
22
100
30
800
1850
.55
300
CTLL1608_-27N_
27
100
26
800
1750
.60
300
CTLL1608_-33N_
33
100
24
800
1500
.65
300
CTLL1608_-39N_
39
100
20
800
1350
.70
300
CTLL1608_-47N_
47
100
18
800
1200
.90
300
CTLL1608_-56N_
56
100
14
800
1100
1.0
300
CTLL1608_-68N_
68
100
18
800
1000
1.5
300
CTLL1608_-82N_
82
100
18
800
900
2.0
300
CTLL1608_-R10_
100
100
3
800
830
2.5
300
CTLL1608 Series
From 1.2 nH to 100 nH
Not shown at actual size.
CHARACTERISTICS
Description: Ceramic core, multi-layer chip inductor for high
frequency applications
Applications: Portable telephones, PMS, pagers and
miscellaneous high frequency circuits
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±0.3 nH, ±5% & ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available. Other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTLL1608J-R10J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1608-FH10NJ CT-CTLL1608-FH10NJ Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608-FH10NK CT-CTLL1608-FH10NK Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608-FH12NJ CT-CTLL1608-FH12NJ Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608-FH12NK CT-CTLL1608-FH12NK Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608-FH15NJ CT-CTLL1608-FH15NJ Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results

Similar Description - CTLL1608J-R10J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com