Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLC0603F-R12G Datasheet(PDF) 1 Page - Central Technologies

Part # CTLC0603F-R12G
Description  Laser Cut Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLC0603F-R12G Datasheet(HTML) 1 Page - Central Technologies

  CTLC0603F-R12G Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Laser Cut Inductors
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
01.27.09
L Test
SRF
DCR
Rated DC
Part
Inductance
Freq.
Q
Q
Typ.
Max.
Max.
Number
(nH)
(MHz)
@100MHz @800MHz
(MHz)
(m
Ω
Ω)
(mA)
CTLC0603F-1N0_*
1.0
100
7
60
16000
20
1800
CTLC0603F-1N2_*
1.2
100
8
60
15000
25
1800
CTLC0603F-1N5_*
1.5
100
8
50
13000
30
1500
CTLC0603F-1N8_*
1.8
100
12
50
12000
33
1500
CTLC0603F-2N2_*
2.2
100
14
50
10000
35
1500
CTLC0603F-2N7_*
2.7
100
14
40
10000
40
1400
CTLC0603F-3N3_*
3.3
100
14
40
9000
60
1200
CTLC0603F-3N9_**
3.9
100
14
40
8000
65
1100
CTLC0603F-4N7_**
4.7
100
14
40
7000
100
800
CTLC0603F-5N6_**
5.6
100
14
40
6000
150
700
CTLC0603F-6N8_**
6.8
100
14
40
6000
150
700
CTLC0603F-8N2_**
8.2
100
14
40
6000
180
650
CTLC0603F-10N_***
10.0
100
14
40
5000
200
600
CTLC0603F-12N_***
12.0
100
14
40
5000
350
450
CTLC0603F-15N_***
15.0
100
14
40
4500
400
420
CTLC0603F-18N_***
18.0
100
14
40
4000
450
400
CTLC0603F-22N_***
22.0
100
14
40
4000
500
360
CTLC0603F-27N_***
27.0
100
14
35
3000
550
350
CTLC0603F-33N_***
33.0
100
14
35
3000
600
300
CTLC0603F-39N_***
39.0
100
14
35
2000
800
270
CTLC0603F-47N_***
47.0
100
14
35
2500
950
250
CTLC0603F-56N_***
56.0
100
14
35
2500
1200
230
CTLC0603F-68N_***
68.0
100
14
35
2000
1300
220
CTLC0603F-82N_***
82.0
100
14
35
2000
1500
200
CTLC0603F-R10_***
100.0
100
14
30
1800
1800
160
CTLC0603F-R12_***
120.0
25.2
5
30
1800
3000
130
CTLC0603F-R15_***
150.0
25.2
5
30
1600
5000
120
CTLC0603F-R18_***
180.0
25.2
4
25
1400
6000
110
CTLC0603F-R22_***
220.0
25.2
4
25
1300
7000
110
CTLC0603F Series
From 1.0 nH to 220 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD laser cut inductors
Applications: Computer products, hard disks, floppy disks, etc.
Communication products, cordless phones, etc. Modems, OA
products, TV sets, etc. Countermeasures for complying with CE,
FCC, VDE or VCCI radiated emissions
Operating Temperature: -40°C to +125°C
Inductance Tolerances: ±0.2nH, ±0.3nH, ±2%, ±5%
Testing: Tested on a HP4287A at specified frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels are marked with inductance code and tolerance
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
mm
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
inches
0.06±0.006
0.03±0.006
0.03±0.006
0.012±0.008
PHYSICAL DIMENSIONS
RoHS
Compliant
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLC0603F-1N0_
C = ±0.2nH, S = ±0.3nH, G = ±2%, J = ±5%
* C or S only
**C or J only
***G or J only


Similar Part No. - CTLC0603F-R12G

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLC0402F CT-CTLC0402F Datasheet
169Kb / 1P
Laser Cut Inductors
CTLC0402F-10NG CT-CTLC0402F-10NG Datasheet
169Kb / 1P
Laser Cut Inductors
CTLC0402F-10NJ CT-CTLC0402F-10NJ Datasheet
169Kb / 1P
Laser Cut Inductors
CTLC0402F-12NG CT-CTLC0402F-12NG Datasheet
169Kb / 1P
Laser Cut Inductors
CTLC0402F-12NJ CT-CTLC0402F-12NJ Datasheet
169Kb / 1P
Laser Cut Inductors
More results

Similar Description - CTLC0603F-R12G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
Vishay Siliconix
IMC-0402 VISHAY-IMC-0402 Datasheet
25Kb / 1P
High Frequency, Surface Mount, Laser Spiral, Coated Inductors
16-May-03
IMC-0603 VISHAY-IMC-0603 Datasheet
299Kb / 2P
High Frequency, Surface Mount, Laser Spiral Coated Inductors
30-Sep-08
logo
Central Technologies
CTLC0402F CT-CTLC0402F Datasheet
169Kb / 1P
Laser Cut Inductors
logo
Allied Components Inter...
CLC02-1N0_-RC ALLIED-CLC02-1N0_-RC Datasheet
315Kb / 1P
Ceramic Core Laser Cut Chip Inductor
CLC03-1N0_-RC ALLIED-CLC03-1N0_-RC Datasheet
327Kb / 1P
Ceramic Core Laser Cut Chip Inductor
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
logo
Bourns Electronic Solut...
CM100505_MDS BOURNS-CM100505_MDS Datasheet
71Kb / 1P
CM100505 Series Laser-Cut Chip Inductors
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com