Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75372 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372
Description  DUAL MOSFET DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75372 Datasheet(HTML) 1 Page - Texas Instruments

  SN75372 Datasheet HTML 1Page - Texas Instruments SN75372 Datasheet HTML 2Page - Texas Instruments SN75372 Datasheet HTML 3Page - Texas Instruments SN75372 Datasheet HTML 4Page - Texas Instruments SN75372 Datasheet HTML 5Page - Texas Instruments SN75372 Datasheet HTML 6Page - Texas Instruments SN75372 Datasheet HTML 7Page - Texas Instruments SN75372 Datasheet HTML 8Page - Texas Instruments SN75372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A – JULY 1986
Copyright
© 1986, Texas Instruments Incorporated
Revision Information
3–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Dual Circuits Capable of Driving
High-Capacitance Loads at High Speeds
Output Supply Voltage Range up to 24 V
Low Standby Power Dissipation
description
The SN75372 is a dual NAND gate interface
circuit designed to drive power MOSFETs from
TTL inputs. It provides high current and voltage
levels necessary to drive large capacitive loads at
high speeds. The device operates from a VCC1 of
5 V and a VCC2 of up to 24 V.
The SN75372 is characterized for operation from
0
°C to 70°C.
schematic (each driver)
VCC1
VCC2
To Other
Driver
To Other
Driver
Output Y
GND
Input A
Enable E
1Y
7
2Y
6
E
2
EN
1A
1
2A
3
logic symbol
TTL/MOS
1
2
3
4
8
7
6
5
1A
E
2A
GND
VCC1
1Y
2Y
VCC2
D OR P PACKAGE
(TOP VIEW)
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
SN75372 TI2-SN75372 Datasheet
624Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
SN75372D TI1-SN75372D Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
SN75372D TI2-SN75372D Datasheet
624Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN75372

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Semikron International
SKHI21A SEMIKRON-SKHI21A Datasheet
40Kb / 1P
Hybrid Dual MOSFET Driver
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com