Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75476D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75476D
Description  DUAL PERIPHERAL DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75476D Datasheet(HTML) 1 Page - Texas Instruments

  SN75476D Datasheet HTML 1Page - Texas Instruments SN75476D Datasheet HTML 2Page - Texas Instruments SN75476D Datasheet HTML 3Page - Texas Instruments SN75476D Datasheet HTML 4Page - Texas Instruments SN75476D Datasheet HTML 5Page - Texas Instruments SN75476D Datasheet HTML 6Page - Texas Instruments SN75476D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN75476 THRU SN75478
DUAL PERIPHERAL DRIVERS
SLRS025A – DECEMBER 1976 – REVISED NOVEMBER 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
• Characterized for Use to 300 mA
• No Output Latch-Up at 55 V (After
Conducting 300 mA)
• High-Voltage Outputs (100 V Typ)
• Output Clamp Diodes for Transient
Suppression (300 mA, 70 V)
• TTL- or MOS-Compatible Diode-Clamped
Inputs
• pnp Transistor Inputs Reduce Input Current
• Standard Supply Voltage
• Suitable for Hammer-Driver Applications
• Plastic DIP (P) With Copper-Lead Frame
Provides Cooler Operation and Improved
Reliability
description
The
SN75476
through
SN75478
are
dual
peripheral drivers designed for use in systems that
require high current, high voltage, and fast
switching times. The SN75476, SN75477, and
SN75478 provide AND, NAND, and OR drivers
respectively. These devices have diode-clamped
inputs as well as high-current, high-voltage clamp
diodes on the outputs for inductive transient
protection.
The SN75476, SN75477, and SN75478 drivers
are characterized for operation from 0
°C to 70°C.
schematics of inputs and outputs
VCC
Input
CLAMP
Output
GND
EQUIVALENT
OF EACH INPUT
TYPICAL
OF ALL OUTPUTS
1
2
3
4
8
7
6
5
S
1A
1Y
GND
VCC
2A
2Y
CLAMP
D OR P PACKAGE
(TOP VIEW)
H = high level, L = low level
X = irrelevant
INPUTS
OUTPUT
Y
SN75476
(each AND driver)
AS
H
L
X
H
X
L
H
L
L
Function Tables
INPUTS
OUTPUT
Y
SN75477
(each NAND driver)
AS
H
L
X
H
X
L
L
H
H
INPUTS
OUTPUT
Y
SN75478
(each OR driver)
AS
H
X
L
X
H
L
H
H
L
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75476D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75476D TI1-SN75476D Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN75476DR TI1-SN75476DR Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
More results

Similar Description - SN75476D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75446 TI-SN75446 Datasheet
98Kb / 7P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com