Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM58261 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSM58261
Description  2.3 Inch 5X8 Dot-Matrix Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM58261 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSM58261 Datasheet HTML 1Page - China Semiconductor Corporation CSM58261 Datasheet HTML 2Page - China Semiconductor Corporation CSM58261 Datasheet HTML 3Page - China Semiconductor Corporation CSM58261 Datasheet HTML 4Page - China Semiconductor Corporation CSM58261 Datasheet HTML 5Page - China Semiconductor Corporation CSM58261 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 2.3 inch (58.0mm) Matrix height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Column
Row
Package Dimensions -
Page
1/5
http://www.csctw.com.tw
GaP
Yellow Green
CSM-58261EG
Cathode
Anode
Description
PS-ND-08090404
Part No.
GaAsP
Orange
Material
A
Chip
Emitted Color
2. Case mold type.
Model No CSM-58261EG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com