Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM58261 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSM58261
Description  2.3 Inch 5X8 Dot-Matrix Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM58261 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSM58261 Datasheet HTML 1Page - China Semiconductor Corporation CSM58261 Datasheet HTML 2Page - China Semiconductor Corporation CSM58261 Datasheet HTML 3Page - China Semiconductor Corporation CSM58261 Datasheet HTML 4Page - China Semiconductor Corporation CSM58261 Datasheet HTML 5Page - China Semiconductor Corporation CSM58261 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
40
-
mcd
IF=10mA
q
-
632
-
nm
IF=20mA
Od
-
624
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
18
-
mcd
IF=10mA
q
-
572
-
nm
IF=20mA
Od
-
50
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
Model No CSM-58261VM9
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
A
0.33
Reverse Voltage Per Dice
Rating
PS-ND-08090406
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
70
Super Bright Green
Super Bright Orange
Super Bright Green
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Forward Voltage Per Segment
Luminous Intensity Per Segment
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
Luminous Intensity Matching Ratio



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com