Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS191P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS191P
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS191P Datasheet(HTML) 3 Page - Texas Instruments

  SN75ALS191P Datasheet HTML 1Page - Texas Instruments SN75ALS191P Datasheet HTML 2Page - Texas Instruments SN75ALS191P Datasheet HTML 3Page - Texas Instruments SN75ALS191P Datasheet HTML 4Page - Texas Instruments SN75ALS191P Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN75ALS191
DUAL DIFFERENTIAL LINE DRIVER
SLLS032B – DECEMBER 1987 – REVISED MAY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V,
II = –18 mA
–1
– 1.2
V
V
High level output voltage
VCC = 4.75 V,
VIH = 2 V,
IOH = – 10 mA
2.5
3.3
V
VOH
High-level output voltage
VCC 4.75 V,
VIH 2 V,
VIL = 0.8 V
IOH = – 40 mA
2
V
VOL
Low-level output voltage
VCC = 4.75 V,
VIH = 2 V,
IOL = 40 mA
VIL = 0.8 V,
0.5
V
|VOD1|
Differential output voltage
VCC = 5.25 V,
IO = 0
2 VOD2
V
|VOD2|
Differential output voltage
2
V
∆ |VOD|
Change in magnitude of
differential output voltage ‡
VCC = 4.75 V to 5.25 V,
RL = 100 Ω,
± 0.4
V
VOC
Common-mode output voltage§
CC
,
See Figure 1
L
,
3
V
∆ |VOC|
Change in magnitude of
common-mode output voltage ‡
± 0.4
V
VO = 6 V
0.1
100
IO
Output current with power off
VCC = 0
VO = – 0.25 V
– 0.1
– 100
µA
VO = – 0.25 V to 6 V
±100
II
Input current
VCC = 5.25 V,
VI = 5.5 V
50
µA
IIH
High-level input current
VCC = 5.25 V,
VI = 2.7 V
25
µA
IIL
Low-level input current
VCC = 5.25 V,
VI = 0.5 V
200
µA
IOS
Short-circuit output current¶
VCC = 5.25 V,
VO = 0
–50
– 150
mA
ICC
Supply current (all drivers)
VCC = 5.25 V,
No load,
All inputs at 0 V
32
40
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ | VOD | and | VOC | are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
§ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
¶ Only one output at a time should be shorted, and duration of the short circuit should not exceed one second.
switching characteristics over recommended operating free-air temperature range, VCC = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP#
MAX
UNIT
td(OD)
Differential-output delay time
3.5
7
ns
tt(OD)
Differential-output transition time
CL = 15 pF,
RL = 100 Ω,
See Figure 2
3.5
7
ns
Skew
1.5
4
ns
# Typical values are at TA = 25°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com