Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS192D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192D
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS192D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS192D Datasheet HTML 2Page - Texas Instruments SN75ALS192D Datasheet HTML 3Page - Texas Instruments SN75ALS192D Datasheet HTML 4Page - Texas Instruments SN75ALS192D Datasheet HTML 5Page - Texas Instruments SN75ALS192D Datasheet HTML 6Page - Texas Instruments SN75ALS192D Datasheet HTML 7Page - Texas Instruments SN75ALS192D Datasheet HTML 8Page - Texas Instruments SN75ALS192D Datasheet HTML 9Page - Texas Instruments SN75ALS192D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 3
Y OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI – Data Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
No Load
Outputs Enabled
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 4
Y OUTPUT VOLTAGE
vs
DATA INPUT VOLTAGE
VI – Data Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
VCC = 5 V
Outputs Enabled
No Load
TA = 70°C
TA = 25°C
TA = 0°C
TA = –55°C
TA = 125°C
NOTE A: The A input is connected to VCC during the testing of the
Y outputs and to ground during the testing of the Z outputs.
Figure 5
Y OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VI – Enable G Input Voltage – V
VI = 2 V
RL = 470 Ω to GND
See Note A
TA = 25°C
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
2.5
2
1.5
0
0
0.5
1
1.5
2
3
3.5
4
2.5
3
1
0.5
NOTE A: The A input is connected to VCC during the testing of the
Y outputs and to ground during the testing of the Z outputs.
Figure 6
Y OUTPUT VOLTAGE
vs
ENABLE G INPUT VOLTAGE
VI – Enable G Input Voltage – V
3.5
3
2.5
2
0
0.5
1
1.5
4
4.5
5
2
2.5
3
1.5
1
0.5
0
VCC = 5 V
VI = 2 V
RL = 470 Ω to GND
See Note A
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = –55°C
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com