Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISA40 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ISA40
Description  Telecommunications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISA40 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ISA40 Datasheet HTML 1Page - ISOCOM COMPONENTS ISA40 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28/2/07
DC93071
7.62
8.6
8.2
DESCRIPTION
The ISA40 is a 1-Form A solid state relay in a 6
pin DIL package. The ISA40 utilises MOSFET
technology that is optically coupled to a highly
efficient GaAlAs infrared light emitting diode.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Load voltage(400V)
l
High Isolation Voltage (3.75kV
RMS )
l
No moving parts
l
High reliability
l
Arc-Free without snubber circuits
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Telecommunications
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
1
3
4
6
2
5
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 100°C
Operating Temperature
-40°C to + 85°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
50mA
Reverse Voltage
5V
OUTPUTMOSFET
Load Voltage ( AC peak or DC )
400V
Continous Load Current
130mA
Peak Current ( 10mS )
300mA
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
10.46
9.86
0.26
0.6
0.1
1.25
0.75
Dimensions in mm
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
ISA40
ISOCOM COMPONENTSASIALTD
Hong Kong Office, 1712-1713
Laurels Industrial Centre, 32 Tai Yau Street,
San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
6
5
4
1
2
3
8.8
0.47
5.08
ISA40


Similar Part No. - ISA40

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ISA48007A120V-001-R TDK-ISA48007A120V-001-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
ISA48007A120V-007-R TDK-ISA48007A120V-007-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
ISA48015A050V-001-R TDK-ISA48015A050V-001-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
ISA48025A025V-001-R TDK-ISA48025A025V-001-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
ISA48025A033V-000-R TDK-ISA48025A033V-000-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
More results

Similar Description - ISA40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
Telecommunications
logo
ISOCOM COMPONENTS
ISA06 ISOCOM-ISA06 Datasheet
78Kb / 2P
Telecommunications
ISA20 ISOCOM-ISA20 Datasheet
78Kb / 2P
Telecommunications
ISA60 ISOCOM-ISA60 Datasheet
78Kb / 2P
Telecommunications
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
Telecommunications
ISPA06 ISOCOM-ISPA06 Datasheet
217Kb / 2P
Telecommunications
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
Telecommunications
ISDB40 ISOCOM-ISDB40 Datasheet
68Kb / 2P
Telecommunications
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
Telecommunications
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
Telecommunications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com