Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75ALS199D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS199D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS199D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75ALS199D Datasheet HTML 2Page - Texas Instruments SN75ALS199D Datasheet HTML 3Page - Texas Instruments SN75ALS199D Datasheet HTML 4Page - Texas Instruments SN75ALS199D Datasheet HTML 5Page - Texas Instruments SN75ALS199D Datasheet HTML 6Page - Texas Instruments SN75ALS199D Datasheet HTML 7Page - Texas Instruments SN75ALS199D Datasheet HTML 8Page - Texas Instruments SN75ALS199D Datasheet HTML 9Page - Texas Instruments SN75ALS199D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN75ALS199
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS046C – JANUARY 1989 – REVISED MAY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
TEST CIRCUIT
tPZL
tPZL
VOL
1.5 V
4.5 V
0 V
1.5 V
3 V
Input
Output
SW1 to – 2.5 V
SW2 Closed
SW3 Open
tPLZ
tPLZ
Input
Output
3 V
1.5 V
0 V
0.5 V
1.4 V
VOL
SW1 to – 2.5 V
SW2 Closed
SW3 Closed
VOH
tPHZ
tPHZ
0.5 V
1.5 V
3 V
0 V
1.4 V
Input
Output
SW1 to 2.5 V
SW2 Closed
SW3 Closed
tPZH
tPZH
SW1 to 2.5 V
SW2 Open
SW3 Closed
3 V
1.5 V
0 V
VOH
0 V
1.5 V
Input
Output
SW2
See Note C
2 k
Ω
5 k
Ω
SW3
Output
5 V
2.5 V
– 2.5 V
SW1
51
Ω
CL = 15 pF
(see Note B)
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, ZO = 50 Ω,
tr ≤ 6 ns, tf ≤ 6 ns.
B. CL includes probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
Figure 3. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com