Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLPF1608 Datasheet(PDF) 1 Page - Central Technologies

Part # CTLPF1608
Description  Multi-layer Chip Low Pass Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLPF1608 Datasheet(HTML) 1 Page - Central Technologies

  CTLPF1608 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Low Pass Filters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
09.24.03
SPECIFICATIONS
Input
Insertion
Return
Power
Frequency
Loss (dB)
Attenuation
Loss (dB)
Watts
Impedance
Part Number
(MHz)
(Max.)
(Min.)
(Min.)
(Max.)
(W
W)
CTLPF1608-0869
824 - 915
0.6
20 dB @ 2 x fo
10.9
3
50
15 dB @ 3 x fo
CTLPF1608-1810
1710 - 1910
0.6
30 dB @ 3420 - 3570MHz
11.7
3
50
25 dB @ 3700 - 3820MHz
20 dB @ 5130 - 5730MHz
CTLPF1608-1880
1850 - 1910
0.6
27 dB @ 2 x fo
11.7
3
50
19 dB @ 3 x fo
CTLPF1608-2450A
2400 - 2500
0.5
25 dB @ 2 x fo
14
3
50
18 dB @ 3 x fo
CTLPF1608-2450B
2400 - 2500
0.5
35 dB @ 2 x fo
14
3
50
25 dB @ 3 x fo
CTLPF1608
0.824 GHz to 2.5 GHz
Not shown at actual size.
CHARACTERISTICS
TERMINAL CONFIGURATION
Description: Multi-layer Chip Low Pass Filters
Applications: WLAN, Bluetooth, HomeRF, 2.4 GHz ISM, PCS/
DCS/GSM/DECT/PHS
Operating Temperature: -40°C to +85°C
Packaging: Tape & Reel
Polarity Marking: Marking is on the upper surface of the unit
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
W
a
p
T
b
g
L
c
3
4
2
5
1
6
No.
1
2
3
No.
4
5
6
Function
GND
NC
GND
Function
OUT
GND
IN
*ForP/N’sCTLPF1608-2450A&-2450B
No.2FunctionOUT
No.4FunctionGND
No.5FunctionIN
No.6FunctionGND
Size
L
W
T
a
b
c
g
p
mm
1.6±0.1
0.80±0.1
0.60±0.1
0.20±0.1
0.20+0.1/0.15
0.15±0.1
0.30±0.1
0.50±0.05
inches
0.063±0.004
0.032±0.004
0.024±0.004
0.008±.004
0.008+0.004/-0.006
0.006±0.004
0.012±0.004
0.020±0.002
PHYSICAL DIMENSIONS


Similar Part No. - CTLPF1608

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLPF2012 CT-CTLPF2012 Datasheet
174Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF2012-0915 CT-CTLPF2012-0915 Datasheet
174Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF2012-2450 CT-CTLPF2012-2450 Datasheet
174Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF2012-5515 CT-CTLPF2012-5515 Datasheet
174Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF3216 CT-CTLPF3216 Datasheet
133Kb / 1P
Multi-layer Chip Low Pass Filters
More results

Similar Description - CTLPF1608

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTBPF1608F CT-CTBPF1608F Datasheet
484Kb / 1P
Multi-layer Band Pass Filters
CTBPF2520F CT-CTBPF2520F Datasheet
475Kb / 1P
Multi-layer Band Pass Filters
CTLPF2012 CT-CTLPF2012 Datasheet
174Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF3216 CT-CTLPF3216 Datasheet
133Kb / 1P
Multi-layer Chip Low Pass Filters
logo
NIC-Components Corp.
NGFL NIC-NGFL Datasheet
395Kb / 6P
Multilayer Chip Low Pass Filters
logo
TDK Electronics
DEA102500LT-6307A1 TDK-DEA102500LT-6307A1 Datasheet
48Kb / 2P
Multilayer Chip Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com