Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLPF2012-2450 Datasheet(PDF) 1 Page - Central Technologies

Part # CTLPF2012-2450
Description  Multi-layer Chip Low Pass Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLPF2012-2450 Datasheet(HTML) 1 Page - Central Technologies

  CTLPF2012-2450 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Low Pass Filters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.14.01
CTLPF2012
0.902 GHz to 5.875 GHz
Not shown at actual size.
CHARACTERISTICS
TERMINAL CONFIGURATION
Description: Multi-layer Chip Low Pass Filters
Applications: WLAN, Bluetooth, HomeRF, 2.4 GHz ISM, PCS/
DCS/GSM/DECT/PHS
Operating Temperature: -40°C to +85°C
Packaging: Tape & Reel
Polarity Marking: Marking is on the upper surface of the unit
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
W
a
p
T
b
g
L
c
No.
1
2
3
4
No.
5
6
7
8
Function
GND
NC
GND
OUT
Function
GND
NC
GND
IN
32
1
8
7
6
5
4
Size
L
W
T
a
b
c
g
p
mm
2.0±0.1
1.25±0.1
0.85±0.1
0.30±0.1
0.20±0.1
0.30+0.1/-0.2
0.35±0.1
0.65±0.05
inches
0.079±0.004
0.049±0.004
0.032±0.004
0.012±0.004
0.008±0.004
0.012+0.004/-0.008
0.014±0.004
0.026±0.002
PHYSICAL DIMENSIONS
SPECIFICATIONS
Input
Insertion
Return
Power
Frequency
Loss (dB)
Attenuation
Loss (dB)
Watts
Impedance
Part Number
(MHz)
(Max.)
(Min.)
(Min.)
(Max.)
(W
W)
CTLPF2012-0915
902 - 928
0.65
25 dB @ 2 x fo
9.5
3
50
25 dB @ 3 x fo
CTLPF2012-2450
2400 - 2500
0.5
27 dB @ 2 x fo
10.0
1
50
25 dB @ 3 x fo
25 dB @ 4 x fo
CTLPF2012-5515
5150 - 5875
0.6
25 dB @ 2 x fo
10.9
1
50
20 dB @ 3 x fo Ref.


Similar Part No. - CTLPF2012-2450

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLPF1608 CT-CTLPF1608 Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF1608-0869 CT-CTLPF1608-0869 Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF1608-1810 CT-CTLPF1608-1810 Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF1608-1880 CT-CTLPF1608-1880 Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF1608-2450A CT-CTLPF1608-2450A Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
More results

Similar Description - CTLPF2012-2450

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTBPF1608F CT-CTBPF1608F Datasheet
484Kb / 1P
Multi-layer Band Pass Filters
CTBPF2520F CT-CTBPF2520F Datasheet
475Kb / 1P
Multi-layer Band Pass Filters
CTLPF1608 CT-CTLPF1608 Datasheet
172Kb / 1P
Multi-layer Chip Low Pass Filters
CTLPF3216 CT-CTLPF3216 Datasheet
133Kb / 1P
Multi-layer Chip Low Pass Filters
logo
NIC-Components Corp.
NGFL NIC-NGFL Datasheet
395Kb / 6P
Multilayer Chip Low Pass Filters
logo
TDK Electronics
DEA102500LT-6307A1 TDK-DEA102500LT-6307A1 Datasheet
48Kb / 2P
Multilayer Chip Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com