Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLL2012-FH2N7S Datasheet(PDF) 1 Page - Central Technologies

Part # CTLL2012-FH2N7S
Description  Multi-layer Chip Inductors - Ceramic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL2012-FH2N7S Datasheet(HTML) 1 Page - Central Technologies

  CTLL2012-FH2N7S Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ceramic
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.11.05
Size
A
B
C
D
mm
2.0±0.2
1.25±0.2
See ordering
0.51±0.25
inches
0.08±0.008
0.05±0.008
info
0.02±0.01
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLL2012_-FH3N3_
S = ±0.3nH, J = ±5%, K = ±10%
* S, K or M
** J, K or M
CTLL2012F Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Height
Part
Inductance
Freq.
Factor
Freq.
Typ.
Max.
DC
C
Number
(nH)
(MHz)
Typ.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
(mm)
CTLL2012_-FH1N5S
1.5
100
50
800
7000
.10
300
0.60±0.2
CTLL2012_-FH1N8S
1.8
100
51
800
6800
.10
300
0.60±0.2
CTLL2012_-FH2N2S
2.2
100
61
800
5700
.10
300
0.60±0.2
CTLL2012_-FH2N7S
2.7
100
62
800
5350
.10
300
0.60±0.2
CTLL2012_-FH3N3_*
3.3
100
64
800
4300
.10
300
0.60±0.2
CTLL2012_-FH3N9_*
3.9
100
59
800
4000
.10
300
0.60±0.2
CTLL2012_-FH4N7_*
4.7
100
55
800
3600
.12
300
0.60±0.2
CTLL2012_-FH5N6_*
5.6
100
51
800
3500
.15
300
0.60±0.2
CTLL2012_-FH6N8_**
6.8
100
58
800
3000
.15
300
0.60±0.2
CTLL2012_-FH8N2_**
8.2
100
58
800
2800
.18
300
0.60±0.2
CTLL2012_-FH10N_**
10
100
58
800
2600
.20
300
0.85±0.3
CTLL2012_-FH12N_**
12
100
61
800
2250
.22
300
0.85±0.3
CTLL2012_-FH15N_**
15
100
48
800
2250
.24
300
0.85±0.3
CTLL2012_-FH18N_**
18
100
58
800
2000
.26
300
0.85±0.3
CTLL2012_-FH22N_**
22
100
59
800
1800
.28
300
0.85±0.3
CTLL2012_-FH27N_**
27
100
54
800
1600
.30
300
0.85±0.3
CTLL2012_-FH33N_**
33
100
54
800
1400
.40
300
0.85±0.3
CTLL2012_-FH39N_**
39
100
50
800
1300
.50
300
0.85±0.3
CTLL2012_-FH47N_**
47
100
47
800
1150
.55
300
1.0±0.3
CTLL2012_-FH56N_**
56
100
45
800
1050
.60
300
1.0±0.3
CTLL2012_-FH68N_**
68
100
26
100
950
.65
300
1.0±0.3
CTLL2012_-FH82N_**
82
100
28
100
800
.70
300
1.0±0.3
CTLL2012_-FHR10_**
100
100
27
100
700
.80
300
1.0±0.3
CTLL2012_-FHR12_**
120
100
22
50
650
.85
250
1.2±0.3
CTLL2012_-FHR15_**
150
100
21
50
550
.90
250
1.2±0.3
CTLL2012_-FHR18_**
180
100
22
50
500
1.0
250
1.2±0.3
CTLL2012_-FHR22_**
220
100
22
50
450
1.2
200
1.2±0.3
CTLL2012_-FHR27_**
270
100
14
25
350
1.3
200
1.2±0.3
CTLL2012_-FHR33_**
330
100
14
25
350
1.5
150
1.2±0.3
CTLL2012_-FHR39_**
390
100
15
25
300
1.8
150
1.2±0.3
CTLL2012_-FHR47_**
470
100
14
25
260
4.5
50
1.2±0.3
CTLL2012_-FHR56_**
560
100
15
25
230
4.5
50
1.2±0.3
CTLL2012_-FHR68_**
680
100
14
25
180
5.5
50
1.2±0.3
CTLL2012FH Series
From 1.5 nH to 680 nH
Not shown at actual size.
CHARACTERISTICS
Description: Ceramic core, multi-layer chip inductor for high
frequency applications
Applications: Portable telephones, PMS, pagers and
miscellaneous high frequency circuits
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±0.3 nH, ±5% & ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTLL2012-FH2N7S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL2012-10NJ CT-CTLL2012-10NJ Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012-10NK CT-CTLL2012-10NK Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012-12NJ CT-CTLL2012-12NJ Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012-12NK CT-CTLL2012-12NK Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012-15NJ CT-CTLL2012-15NJ Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results

Similar Description - CTLL2012-FH2N7S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com