Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLQ1210LF-R15M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1210LF-R15M
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1210LF-R15M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1210LF-R15M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.16.06
Size
A
B
C
D
E
F
Min.
mm
3.2±0.3
2.0±0.2
2.5±0.2
2.5±0.2
2.5±0.2
0.7
inches
0.13±0.01
0.08±0.008
0.10±0.008
0.10±0.008
0.10±0.008
0.03
Test
DCR
SRF
Rated DC
Part
Inductance
Freq.
(
Ω)
(MHz)
(mA)
Number
(µH)
(MHz)
±30%
Min.
Max.
CTLQ1210L_-R15M
.15
1.0
0.028
400
1450
CTLQ1210L_-R27M
.27
1.0
0.034
250
1250
CTLQ1210L_-R47M
.47
1.0
0.042
150
1100
CTLQ1210L_-1R0M
1.0
1.0
0.060
100
1000
CTLQ1210L_-2R2M
2.2
1.0
0.097
64
790
CTLQ1210L_-4R7M
4.7
1.0
0.15
43
650
CTLQ1210L_-100_
10
1.0
0.30
26
450
CTLQ1210L Series
From .15 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: K = ±10% & M = ±20%
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Testing: Tested on a HP4285A @ specified frequency
Pads: Soft copper and pre-tinned
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
A
C
F
B
E
D
5.5
1.0
1.0
1.0
1.3
2.0
Unit:mm
RoHS
Compliant
Available
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLQ1210L-100_
K = ±10%, M = ±20%
CTLQ120LF Please specify “F” for RoHS Compliant
LAND PATTERN


Similar Part No. - CTLQ1210LF-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1210LF-R15M CT-CTLQ1210LF-R15M Datasheet
135Kb / 1P
Wire-wound Chip Inductors - Open
REV 03.07.19
More results

Similar Description - CTLQ1210LF-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com