Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLQ1206C-R22M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1206C-R22M
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1206C-R22M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1206C-R22M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
10.11.05
L Test
SRF
DCR
Allowable
Part
Inductance
Freq.
Min.
Max.
Current
Number
(µH)
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTLQ1206C_-R12M
0.12
1.0
250
0.112
970
CTLQ1206C_-R22M
0.22
1.0
250
0.140
850
CTLQ1206C_-R47M
0.47
1.0
180
0.210
700
CTLQ1206C_-1R0M
1.0
1.0
100
0.364
510
CTLQ1206C_-2R2M
2.2
1.0
50
0.533
430
CTLQ1206C_-4R7_*
4.7
1.0
31
0.845
340
CTLQ1206C_-100_
10
1.0
20
1.69
230
CTLQ1206C_-220_
22
1.0
14
3.90
160
CTLQ1206C_-470_
47
1.0
10
10.4
100
CTLQ1206C_-101_
100
1.0
7
15.6
80
CTLQ1206C Series
From 0.12 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: J = ±5%, K = ±10% & M = ±20%
Packaging: Tape & Reel
Testing: Tested on a HP4285A @ specified frequency
Allowable Current: Self temperature rise shall be limited to 35°C
max. Inductance drop 10% typ. at this rated current.
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
D
D
D
B
C
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLQ1206C-4R7_
J = ±5%, K = ±10%, M = ±20%
* K or M only
CTLQ1206CF Please specify “F” for RoHS compliant
Size
A
B
C
D
Min.
mm
3.20±0.30
1.80±0.30
1.60±0.30
0.7
inches
0.126±0.012
0.071±0.012
0.063±0.012
0.028
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTLQ1206C-R22M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1206CF CT-CTLQ1206CF Datasheet
115Kb / 1P
Wire-wound Chip Inductors - Open
REV 10.16.17
CTLQ1206CF-100K CT-CTLQ1206CF-100K Datasheet
115Kb / 1P
Wire-wound Chip Inductors - Open
REV 10.16.17
CTLQ1206CF-100M CT-CTLQ1206CF-100M Datasheet
115Kb / 1P
Wire-wound Chip Inductors - Open
REV 10.16.17
CTLQ1206CF-101K CT-CTLQ1206CF-101K Datasheet
115Kb / 1P
Wire-wound Chip Inductors - Open
REV 10.16.17
CTLQ1206CF-101M CT-CTLQ1206CF-101M Datasheet
115Kb / 1P
Wire-wound Chip Inductors - Open
REV 10.16.17
More results

Similar Description - CTLQ1206C-R22M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com