Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75C1406 Datasheet(PDF) 1 Page - Texas Instruments

Part # 75C1406
Description  TRIPLE LOW-POWER DRIVERS/RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

75C1406 Datasheet(HTML) 1 Page - Texas Instruments

  75C1406 Datasheet HTML 1Page - Texas Instruments 75C1406 Datasheet HTML 2Page - Texas Instruments 75C1406 Datasheet HTML 3Page - Texas Instruments 75C1406 Datasheet HTML 4Page - Texas Instruments 75C1406 Datasheet HTML 5Page - Texas Instruments 75C1406 Datasheet HTML 6Page - Texas Instruments 75C1406 Datasheet HTML 7Page - Texas Instruments 75C1406 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN75C1406
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SLLS148D – MAY 1990 – REVISED DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
D Very Low Power Consumption . . .
5 mW Typ
D Wide Driver Supply Voltage Range . . .
±4.5 V to ±15 V
D Driver Output Slew Rate Limited to
30 V/
µs Max
D Receiver Input Hysteresis . . . 1000 mV Typ
D Push-Pull Receiver Outputs
D On-Chip Receiver 1-µs Noise Filter
D Functionally Interchangeable With Motorola
MC145406 and Texas Instruments
TL145406
D Package Options Include Plastic
Small-Outline (D, DW, NS) Packages and
(N) DIPs
description
The SN75C1406 is a low-power BiMOS device containing three independent drivers and receivers that are used
to interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE). This device is
designed to conform to TIA/EIA-232-F. The drivers and receivers of the SN75C1406 are similar to those of the
SN75C188 quadruple driver and SN75C189A quadruple receiver, respectively. The drivers have a controlled
output slew rate that is limited to a maximum of 30 V/
µs, and the receivers have filters that reject input noise
pulses shorter than 1
µs. Both these features eliminate the need for external components.
The SN75C1406 is designed using low-power techniques in a BiMOS technology. In most applications, the
receivers contained in these devices interface to single inputs of peripheral devices such as ACEs, UARTs, or
microprocessors. By using sampling, such peripheral devices are usually insensitive to the transition times of
the input signals. If this is not the case, or for other uses, it is recommended that the SN75C1406 receiver outputs
be buffered by single Schmitt input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C1406 is characterized for operation from 0
°C to 70°C.
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1RY
15
2RY
13
3RY
11
1DA
14
2DA
12
3DA
10
1RA
2
2RA
4
3RA
6
1DY
3
2DY
5
3DY
7
logic diagram, each driver and receiver
DY
RA
DA
RY
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
1RA
1DY
2RA
2DY
3RA
3DY
VSS
VCC
1RY
1DA
2RY
2DA
3RY
3DA
GND
D, DW, N, OR NS PACKAGE
(TOP VIEW)


Similar Part No. - 75C1406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
75C1167 TI-75C1167 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
75C1168 TI-75C1168 Datasheet
353Kb / 16P
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - 75C1406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL145406 TI-TL145406 Datasheet
165Kb / 10P
TRIPLE RS-232 DRIVERS/RECEIVERS
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
Triple Line Drivers / Receivers
logo
Texas Instruments
SN65C1406 TI-SN65C1406 Datasheet
148Kb / 9P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
TRIPLE RS-232 DRIVERS/RECEIVERS
SN65C1154 TI-SN65C1154_06 Datasheet
365Kb / 14P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1406 TI-SN65C1406_06 Datasheet
435Kb / 15P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
logo
Texas Instruments
SN65C1406 TI1-SN65C1406_15 Datasheet
794Kb / 19P
TRIPLE LOW-POWER DRIVERS/RECEIVERS
SN65C1154 TI1-SN65C1154_16 Datasheet
1Mb / 17P
QUADRUPLE LOW-POWER DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
TRIPLE RS-232 DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com