Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLL2012F-R18J Datasheet(PDF) 1 Page - Central Technologies

Part # CTLL2012F-R18J
Description  Multi-layer Chip Inductors - Ceramic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL2012F-R18J Datasheet(HTML) 1 Page - Central Technologies

  CTLL2012F-R18J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ceramic
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.16.05
Size
A
B
C
D
mm
2.0±0.2
1.20±0.2
0.85±0.2
0.50±0.30
inches
0.08±0.008
0.05±0.008
0.03±0.008
0.02±0.01
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLL2012-3N3_
S = ±0.3nH, J = ±5%, K = ±10%
* S or K only
**J or K only
CTLL2012F Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Typ.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTLL2012-1N5S
1.5
100
10
100
>6000
.10
300
CTLL2012_-1N8S
1.8
100
10
100
>6000
.10
300
CTLL2012_-2N2S
2.2
100
10
100
>6000
.10
300
CTLL2012_-2N7S
2.7
100
12
100
>6000
.12
300
CTLL2012_-3N3_*
3.3
100
12
100
>6000
.13
300
CTLL2012_-3N9_*
3.9
100
12
100
5600
.15
300
CTLL2012_-4N7_*
4.7
100
12
100
5500
.20
300
CTLL2012_-5N6_*
5.6
100
12
100
4700
.23
300
CTLL2012_-6N8_**
6.8
100
15
100
3900
.25
300
CTLL2012_-8N2_**
8.2
100
15
100
3200
.28
300
CTLL2012_-10N_**
10
100
15
100
3100
.30
300
CTLL2012_-12N_**
12
100
15
100
2800
.35
300
CTLL2012_-15N_**
15
100
15
100
2400
.40
300
CTLL2012_-18N_**
18
100
15
100
2100
.45
300
CTLL2012_-22N_**
22
100
15
100
2000
.50
300
CTLL2012_-27N_**
27
100
15
100
1800
.55
300
CTLL2012_-33N_**
33
100
15
100
1700
.60
300
CTLL2012_-39N_**
39
100
18
100
1400
.65
300
CTLL2012_-47N_**
47
100
18
100
1200
.70
300
CTLL2012_-56N_**
56
100
18
100
1000
.75
300
CTLL2012_-68N_**
68
100
18
100
900
.80
300
CTLL2012_-82N_**
82
100
18
100
900
.85
300
CTLL2012_-R10_**
100
100
18
100
700
.90
300
CTLL2012_-R12_**
120
50
13
50
600
.95
300
CTLL2012_-R15_**
150
50
13
50
500
1.0
300
CTLL2012_-R18_**
180
50
13
50
430
1.1
300
CTLL2012_-R22_**
220
50
12
50
400
1.2
300
CTLL2012_-R27_**
270
50
12
50
340
1.3
300
CTLL2012_-R33_**
330
50
12
50
320
1.5
300
CTLL2012_-R39_**
390
50
10
50
270
1.6
300
CTLL2012_-R47_**
470
50
10
50
250
1.8
300
CTLL2012 Series
From 1.5 nH to 470 nH
Not shown at actual size.
CHARACTERISTICS
Description: Ceramic core, multi-layer chip inductor for high
frequency applications
Applications: Portable telephones, PMS, pages and
miscellaneous high frequency circuits
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±0.3nH, ±5% & ±10%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available. Other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #6
RoHS
Compliant
Available


Similar Part No. - CTLL2012F-R18J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH10NJ CT-CTLL2012F-FH10NJ Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH10NK CT-CTLL2012F-FH10NK Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH10NM CT-CTLL2012F-FH10NM Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH12NJ CT-CTLL2012F-FH12NJ Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results

Similar Description - CTLL2012F-R18J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CTLL1005SF CT-CTLL1005SF Datasheet
372Kb / 2P
Multi-layer Chip Inductors - Ceramic
REV 11.24.15
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com