Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP62320 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # BP62320
Description  140 MHz Bandpass SAW Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

BP62320 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  BP62320 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
140 MHz Bandpass SAW Filter
Phone: +86 (10) 5128 1211
Fax: +86 (10) 5820 3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
February 26, 2003
Vanlong Technology Co., Ltd.
140 MHz Bandpass SAW Filter
200 KHz Bandwidth
Electrical Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Center Frequency at 25
°C
fc
139.95
140
140.05
MHz
Insertion Loss at fc
IL
-
24.0
25.0
dB
1 dB Bandwidth
BW1
-
0.15
-
MHz
2 dB Bandwidth
BW2
0.20
0.22
-
MHz
10dB Bandwidth
BW10
-
0.39
-
MHz
40dB Bandwidth
BW40
-
0.62
0.68
MHz
Passband Variation
-
-
0.2
1.0
dB
Absolute Delay
-
-
4.61
5.00
µsec
Ultimate Rejection
-
45
50
-
dB
Substrate Material
-
-
Quartz
-
-
Ambient Temperature
Ta
-
25
-
°C
Operating Temperature Range
To
-55
25
85
°C
Typical Performance
Package Outline
Matching Configuration
No Matching Required
Nominal Source/Load Impedance : 50
Ω
139.2 139.4 139.6 139.8
140
140.2 140.4 140.6 140.8
-90
-80
-70
-60
-50
-40
-30
BP62320


Similar Part No. - BP62320

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP62310 VANLONG-BP62310 Datasheet
44Kb / 1P
140 MHz Bandpass SAW Filter
BP62330 VANLONG-BP62330 Datasheet
41Kb / 1P
140 MHz Bandpass SAW Filter
BP62340 VANLONG-BP62340 Datasheet
44Kb / 1P
140 MHz Bandpass SAW Filter
More results

Similar Description - BP62320

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
BP62060 VANLONG-BP62060 Datasheet
45Kb / 1P
140 MHz Bandpass SAW Filter
BP62100 VANLONG-BP62100 Datasheet
44Kb / 1P
140 MHz Bandpass SAW Filter
BP62110 VANLONG-BP62110 Datasheet
41Kb / 1P
140 MHz Bandpass SAW Filter
BP62150 VANLONG-BP62150 Datasheet
39Kb / 1P
140 MHz Bandpass SAW Filter
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
140 MHz Bandpass SAW Filter
BP62170 VANLONG-BP62170 Datasheet
40Kb / 1P
140 MHz Bandpass SAW Filter
BP62180 VANLONG-BP62180 Datasheet
43Kb / 1P
140 MHz Bandpass SAW Filter
BP62190 VANLONG-BP62190 Datasheet
40Kb / 1P
140 MHz Bandpass SAW Filter
BP62211 VANLONG-BP62211 Datasheet
42Kb / 1P
140 MHz Bandpass SAW Filter
BP62340 VANLONG-BP62340 Datasheet
44Kb / 1P
140 MHz Bandpass SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com