Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM3F-R27M Datasheet(PDF) 1 Page - Central Technologies

Part # CTM3F-R27M
Description  Molded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTM3F-R27M Datasheet(HTML) 1 Page - Central Technologies

  CTM3F-R27M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Inductors - Axial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.05.07
Size
A
B
C
24 AWG
Typ.
Nom.
mm
11.2±0.25
4.82±0.25
29.2
0.511
inches
0.44±0.01
0.19±0.01
1.15
0.02
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTM3F-R15_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTM3F-R15_
.15
25
50
25
510
.03
3050
CTM3F-R22_
.22
25
50
25
415
.03
2800
CTM3F-R27_
.27
25
50
25
360
.05
2400
CTM3F-R33_
.33
25
50
25
350
.06
2000
CTM3F-R47_
.47
25
50
25
300
.08
1700
CTM3F-R56_
.56
25
50
25
270
.12
1450
CTM3F-R68_
.68
25
45
25
250
.15
1300
CTM3F-R82_
.82
25
40
25
210
.21
1100
CTM3F-1R0_
1.0
25
40
25
200
.29
930
CTM3F-1R2_
1.2
7.9
30
7.9
180
.40
785
CTM3F-1R5_
1.5
7.9
30
7.9
170
.49
700
CTM3F-1R8_
1.8
7.9
30
7.9
150
.74
550
CTM3F-2R2_
2.2
7.9
30
7.9
140
.97
505
CTM3F-2R7_
2.7
7.9
30
7.9
120
1.2
460
CTM3F-3R3_
3.3
7.9
30
7.9
70
.14
990
CTM3F-3R9_
3.9
7.9
30
7.9
65
.15
870
CTM3F-4R7_
4.7
7.9
30
7.9
60
.21
745
CTM3F-5R6_
5.6
7.9
30
7.9
50
.28
645
CTM3F-6R8_
6.8
7.9
30
7.9
50
.37
560
CTM3F-8R2_
8.2
7.9
30
7.9
48
.44
540
CTM3F-100_
10
7.9
30
7.9
42
.61
440
CTM3F-120_
12
2.5
50
2.5
36
1.1
370
CTM3F-150_
15
2.5
55
2.5
30
1.2
310
CTM3F-180_
18
2.5
60
2.5
30
2.0
255
CTM3F-220_
22
2.5
60
2.5
24
2.2
240
CTM3F-270_
27
2.5
65
2.5
22
2.8
205
CTM3F-330_
33
2.5
55
2.5
18
2.3
300
CTM3F-390_
39
2.5
55
2.5
16
2.5
285
CTM3F-470_
47
2.5
55
2.5
14
3.4
245
CTM3F-560_
56
2.5
55
2.5
14
4.1
225
CTM3F-680_
68
2.5
55
2.5
11
4.2
220
CTM3F-820_
82
2.5
55
2.5
9.3
4.4
215
CTM3F-101_
100
.79
45
.79
8.5
4.9
205
CTM3F-121_
120
.79
60
.79
7.3
5.4
195
CTM3F-151_
150
.79
60
.79
6.2
6.2
180
CTM3F-181_
180
.79
60
.79
5.7
7.1
170
CTM3F-221_
220
.79
60
.79
5.2
7.9
160
CTM3F-271_
270
.79
65
.79
5.6
8.2
110
CTM3F-331_
330
.79
65
.79
5.0
9.1
105
CTM3F-391_
390
.79
65
.79
4.5
10
100
CTM3F-471_
470
.79
65
.79
4.0
11
95
CTM3F-561_
560
.79
65
.79
3.8
12
91
CTM3F-681_
680
.79
60
.79
3.4
14
85
CTM3F-821_
820
.79
60
.79
3.1
15
81
CTM3F-102_
1000
.79
60
.79
2.8
16
78
CTM3F Series
From .15 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded inductor
Applications: Used for various kinds of OSC and TRAP coils.
Ideal for various RF applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack or Tape & Reel, 2,500 parts per reel
Marking: Five band EIA color code indicating inductance code
and tolerance
Material: Molded epoxy resin over coil
Core: Magnetic core (ferrite or iron) except for values .15 µH to
2.7 µH (phenolic)
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTM3F-R27M

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTM3010 CTMICRO-CTM3010 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
CTM3011 CTMICRO-CTM3011 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
CTM3012 CTMICRO-CTM3012 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
CTM3020 CTMICRO-CTM3020 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
CTM3021 CTMICRO-CTM3021 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
More results

Similar Description - CTM3F-R27M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM1F CT-CTM1F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2F CT-CTM2F Datasheet
197Kb / 1P
Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
Axial Molded Inductors
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com