Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMCA9520 Datasheet(PDF) 2 Page - Central Technologies

Part # CTMCA9520
Description  Multi-layer Chip Antennas
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCA9520 Datasheet(HTML) 2 Page - Central Technologies

  CTMCA9520 Datasheet HTML 1Page - Central Technologies CTMCA9520 Datasheet HTML 2Page - Central Technologies CTMCA9520 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi-layer Chip Antennas
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
* Radiation Patterns
XY-V/XY-H
XZ-V/XZ-H
YZ-V/YZ-H
Z
Y
X
0°
0°
0°
90°
90°
90°
180°
180°
180°
270°
270°
270°
Y
Z
Z
X
X
Y
XY -cut scanning direction
XZ -cut scanning direction
YZ -cut scanning direction
90
90
90
135
135
135
180
180
180
225
225
225
270
270
270
315
315
315
0
0
0
45
45
45
6
6
6
-5
-5
-5
-10
-10
-10
-15
-15
-15
-20
-20
-20
-25
-25
-25
-30
-30
-30
0
0
0
YZ cut @2.45GHz
XY cut @2.45GHz
XZ cut @2.45GHz
Vertical
Vertical
Horizontal
Horizontal
Horizontal
Vertical
04.25.06
CTMCA9520 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com