Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM1F-R027M Datasheet(PDF) 1 Page - Central Technologies

Part # CTM1F-R027M
Description  Molded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTM1F-R027M Datasheet(HTML) 1 Page - Central Technologies

  CTM1F-R027M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.27.05
Size
A
B
C
24 AWG
Typ.
Nom.
mm
6.35±0.25
2.41±0.25
26.7
0.511
inches
0.25±0.01
0.1±0.01
1.05
0.02
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTM1F-R027_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W
W)
(mA)
CTM1F-R022M
.022
50
50
50
900
.02
2400
CTM1F-R027_
.027
25
40
25
875
.03
2200
CTM1F-R033_
.033
25
40
25
850
.03
2000
CTM1F-R039_
.039
25
40
25
825
.04
1900
CTM1F-R047_
.047
25
40
25
800
.04
1800
CTM1F-R056_
.056
25
40
25
775
.05
1700
CTM1F-R068_
.068
25
40
25
750
.06
1500
CTM1F-R082_
.082
25
40
25
725
.07
1400
CTM1F-R10_
.10
25
40
25
680
.08
1350
CTM1F-R12_
.12
25
40
25
640
.09
1270
CTM1F-R15_
.15
25
38
25
600
.10
1200
CTM1F-R18_
.18
25
35
25
550
.12
1105
CTM1F-R22_
.22
25
33
25
510
.14
1025
CTM1F-R27_
.27
25
33
25
430
.16
960
CTM1F-R33_
.33
25
30
25
410
.22
815
CTM1F-R39_
.39
25
30
25
365
.30
700
CTM1F-R47_
.47
25
30
25
330
.35
650
CTM1F-R56_
.56
25
30
25
300
.50
545
CTM1F-R68_
.68
25
28
25
275
.60
495
CTM1F-R82_
.82
25
28
25
250
.85
415
CTM1F-1R0_
1.0
25
25
25
230
1.0
385
CTM1F-1R2_
1.2
7.9
25
7.9
150
.18
590
CTM1F-1R5_
1.5
7.9
28
7.9
140
.22
535
CTM1F-1R8_
1.8
7.9
30
7.9
125
.30
455
CTM1F-2R2_
2.2
7.9
30
7.9
115
.40
395
CTM1F-2R7_
2.7
7.9
37
7.9
100
.55
355
CTM1F-3R3_
3.3
7.9
45
7.9
90
.85
270
CTM1F-3R9_
3.9
7.9
45
7.9
80
1.0
250
CTM1F-4R7_
4.7
7.9
45
7.9
75
1.2
230
CTM1F-5R6_
5.6
7.9
50
7.9
65
1.8
185
CTM1F-6R8_
6.8
7.9
50
7.9
60
2.0
175
CTM1F-8R2_
8.2
7.9
55
7.9
55
2.7
155
CTM1F-100_
10
7.9
55
7.9
50
3.7
130
CTM1F-120_
12
2.5
45
2.5
40
2.7
155
CTM1F-150_
15
2.5
40
2.5
35
2.8
150
CTM1F-180_
18
2.5
50
2.5
30
3.1
145
CTM1F-220_
22
2.5
50
2.5
25
3.3
140
CTM1F-270_
27
2.5
50
2.5
20
3.5
135
CTM1F-330_
33
2.5
45
2.5
24
3.4
130
CTM1F-390_
39
2.5
45
2.5
22
3.6
125
CTM1F-470_
47
2.5
45
2.5
20
4.5
110
CTM1F-560_
56
2.5
45
2.5
18
5.7
100
CTM1F-680_
68
2.5
50
2.5
15
6.7
92
CTM1F-820_
82
2.5
50
2.5
14
7.3
88
CTM1F-101_
100
2.5
50
2.5
13
8.0
84
CTM1F-121_
120
.79
30
.79
12
13
66
CTM1F-151_
150
.79
30
.79
11
15
61
CTM1F-181_
180
.79
30
.79
10
17
57
CTM1F-221_
220
.79
30
.79
9.0
21
52
CTM1F-271_
270
.79
30
.79
8.0
25
47
CTM1F-331_
330
.79
30
.79
7.0
28
45
CTM1F-391_
390
.79
30
.79
6.5
35
40
CTM1F-471_
470
.79
30
.79
6.0
42
36
CTM1F-561_
560
.79
30
.79
5.0
46
35
CTM1F-681_
680
.79
30
.79
4.0
60
30
CTM1F-821_
820
.79
30
.79
3.8
65
29
CTM1F-102_
1000
.79
30
.79
3.4
72
28
CTM1F Series
From .022 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded inductor
Applications: Used for various kinds of OSC and TRAP coils.
Ideal for various RF applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A or
HP4286A at specified frequency
Packaging: Bulk pack or Tape & Reel, 5,000 parts per reel
Marking: Five band EIA color code indicating inductance code
and tolerance
Material: Molded epoxy resin over coil
Core: Magnetic core (ferrite or iron) except for values 0.022 µH to
1.0 µH (phenolic)
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #1F
RoHS
Compliant


Similar Part No. - CTM1F-R027M

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM1040 REICU-CTM1040 Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1040T REICU-CTM1040T Datasheet
180Kb / 1P
Rec-Send
REV:13.3
CTM1050 REICU-CTM1050 Datasheet
199Kb / 1P
Rec-Send
REV:13.3
CTM1050T REICU-CTM1050T Datasheet
199Kb / 1P
Rec-Send
REV:13.3
logo
List of Unclassifed Man...
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
Cable Tie Anchor Mount, .58
More results

Similar Description - CTM1F-R027M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2F CT-CTM2F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM3F CT-CTM3F Datasheet
166Kb / 1P
Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
Axial Molded Inductors
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com