Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM2F-151M Datasheet(PDF) 1 Page - Central Technologies

Part # CTM2F-151M
Description  Molded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTM2F-151M Datasheet(HTML) 1 Page - Central Technologies

  CTM2F-151M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.27.05
Size
A
B
C
22 AWG
Max.
Max.
Typ.
Nom.
mm
9.52±0.25
3.96±0.25
26.7
0.643
inches
0.38±0.01
0.16±0.01
1.05
0.03
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTM2F-360_
J = ±5%, K = ±10%, M = ±20%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(W
W)
(mA)
CTM2F-R10K
.10
25
50
25
525
.03
2740
CTM2F-R15M
.15
25
50
25
525
.03
2740
CTM2F-R22M
.22
25
50
25
450
.05
2020
CTM2F-R33M
.33
25
45
25
360
.09
1580
CTM2F-R39K
.39
25
45
25
330
.11
1420
CTM2F-R47M
.47
25
45
25
310
.12
1370
CTM2F-R56K
.56
25
50
25
280
.14
1290
CTM2F-R68K
.68
25
50
25
250
.15
1220
CTM2F-R82K
.82
25
50
25
220
.22
1020
CTM2F-1R0K
1.0
25
50
25
200
.29
880
CTM2F-1R2K
1.2
7.9
33
7.9
180
.42
730
CTM2F-1R5K
1.5
7.9
33
7.9
160
.50
670
CTM2F-1R8K
1.8
7.9
33
7.9
150
.65
590
CTM2F-2R2K
2.2
7.9
33
7.9
135
.95
485
CTM2F-2R7K
2.7
7.9
33
7.9
120
1.2
430
CTM2F-3R3K
3.3
7.9
33
7.9
110
2.0
335
CTM2F-3R9K
3.9
7.9
33
7.9
100
2.3
310
CTM2F-4R7K
4.7
7.9
33
7.9
90
2.6
294
CTM2F-5R6K
5.6
7.9
45
7.9
55
.32
565
CTM2F-6R8K
6.8
7.9
50
7.9
55
.50
450
CTM2F-8R2K
8.2
7.9
50
7.9
50
.60
410
CTM2F-100K
10
7.9
55
7.9
45
.90
335
CTM2F-120K
12
2.5
65
2.5
42
1.1
305
CTM2F-150K
15
2.5
65
2.5
40
1.4
271
CTM2F-180K
18
2.5
75
2.5
34
2.3
213
CTM2F-220K
22
2.5
75
2.5
30
2.5
202
CTM2F-240K
24
2.5
60
2.5
26
2.5
202
CTM2F-270K
27
2.5
60
2.5
25
2.6
198
CTM2F-300K
30
2.5
65
2.5
21
2.8
191
CTM2F-330K
33
2.5
65
2.5
19
3.0
185
CTM2F-360_
36
2.5
60
2.5
15
2.5
202
CTM2F-390_
39
2.5
60
2.5
14
2.6
198
CTM2F-430_
43
2.5
60
2.5
14
2.7
194
CTM2F-470_
47
2.5
55
2.5
13
2.8
193
CTM2F-510_
51
2.5
55
2.5
13
2.9
189
CTM2F-560_
56
2.5
55
2.5
12
3.0
184
CTM2F-620_
62
2.5
55
2.5
11
3.2
180
CTM2F-680_
68
2.5
55
2.5
11
3.3
176
CTM2F-750_
75
2.5
55
2.5
10
3.7
166
CTM2F-820_
82
2.5
50
2.5
10
3.9
162
CTM2F-910_
91
2.5
50
2.5
10
4.3
154
CTM2F-101_
100
2.5
50
2.5
9.5
4.5
151
CTM2F-111_
110
.79
60
.79
8.9
4.9
144
CTM2F-121_
120
.79
65
.79
8.7
5.2
140
CTM2F-131_
130
.79
65
.79
8.5
5.5
137
CTM2F-151_
150
.79
65
.79
8.0
6.1
130
CTM2F-161_
160
.79
65
.79
7.5
6.4
126
CTM2F-181_
180
.79
65
.79
8.0
6.1
130
CTM2F-201_
200
.79
65
.79
6.5
7.1
123
CTM2F-221_
220
.79
65
.79
6.2
7.5
117
CTM2F-241_
240
.79
65
.79
5.9
7.8
115
CTM2F-271_
270
.79
65
.79
5.7
11
143
CTM2F-301_
300
.79
65
.79
5.4
11
140
CTM2F-331_
330
.79
65
.79
5.1
12
136
CTM2F-361_
360
.79
65
.79
4.8
12
134
CTM2F-391_
390
.79
65
.79
4.5
16
117
CTM2F-431_
430
.79
65
.79
4.2
17
115
CTM2F-471_
470
.79
65
.79
3.9
18
112
CTM2F-511_
510
.79
65
.79
3.7
19
109
CTM2F-561_
560
.79
65
.79
3.8
19
107
CTM2F-621_
620
.79
65
.79
3.3
26
93
CTM2F-681_
680
.79
65
.79
3.1
27
91
CTM2F-751_
750
.79
65
.79
2.9
28
88
CTM2F-821_
820
.79
65
.79
2.7
30
86
CTM2F-911_
910
.79
65
.79
2.5
31
84
CTM2F-102_
1000
.79
65
.79
2.3
33
82
CTM2F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded inductor
Applications: Used for various kinds of OSC and TRAP coils.
Ideal for various RF applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack or Tape & Reel, 2,500 parts per reel
Marking: Five band EIA color code indicating inductance code
and tolerance
Material: Molded epoxy resin over coil
Core: Magnetic core (ferrite or iron) except for values
0.10 µh to 4.7 µH (phenolic)
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #1F
RoHS
Compliant


Similar Part No. - CTM2F-151M

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
CT PROTECTOR
CTM2-5 MSYSTEM-CTM2-5 Datasheet
66Kb / 1P
CT PROTECTOR
logo
Central Technologies
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-100L CT-CTM2474F-100L Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F-101L CT-CTM2474F-101L Datasheet
197Kb / 1P
Molded Inductors - Axial
More results

Similar Description - CTM2F-151M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM1F CT-CTM1F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM3F CT-CTM3F Datasheet
166Kb / 1P
Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
Axial Molded Inductors
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com