Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS6F Datasheet(PDF) 1 Page - Central Technologies

Part # CTS6F
Description  Shielded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS6F Datasheet(HTML) 1 Page - Central Technologies

  CTS6F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.27.05
Size
A
B
C
22 AWG
Max.
Max.
Typ.
mm
13.5 ± 0.25
6.86 ± 0.25
29.2
0.6430
inches
0.53 ± 0.010
0.27 ± 0.010
1.15
0.02535
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTS6F-251_
K = ±10%, M = ±20%
L Test
INCR
DCR
D.C.
Part
Inductance
Freq.
Curr.
Max.
Curr
Number
(µH)
(kHz)
(mA)
(
Ω
Ω)
(mA)
CTS6F-251_
250
1.0
60
0.17
1330
CTS6F-501_
500
1.0
44
0.39
880
CTS6F-102_
1000
1.0
30
0.80
610
CTS6F Series
From 250 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications
Operating Temperature: -20°C to +80°C
Inductance Tolerance: ±10% & ±20%
Current Rating: Based on 0.43 watt power dissipation for
approximately 20°C temperature rise
Packaging: Bulk Pack, 200 pieces per bag,
Tape & Reel, 1,000 pieces per reel
Marking: Printed with inductance code
Miscellaneous: RoHS Compliant.
Testing: Inductance is measured on an HP4285A at 1 kHz
Leads: Soft copper and pre-tinned
Incremental Current: The current at which the inductance will be
decreased by 5% from its initial (Zero DC) value
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTS6F

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
Central Technologies
CTS6000-A CT-CTS6000-A Datasheet
222Kb / 2P
Standard Flyback Regulators
CTS6000-AF CT-CTS6000-AF Datasheet
222Kb / 2P
Standard Flyback Regulators
logo
Teledyne Technologies I...
CTS6001 TELEDYNE-CTS6001 Datasheet
67Kb / 3P
InGaP/GaAs RFIC AMPLIFIER
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
More results

Similar Description - CTS6F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com