Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC970ADL Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75LBC970ADL
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970ADL Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75LBC970ADL Datasheet HTML 7Page - Texas Instruments SN75LBC970ADL Datasheet HTML 8Page - Texas Instruments SN75LBC970ADL Datasheet HTML 9Page - Texas Instruments SN75LBC970ADL Datasheet HTML 10Page - Texas Instruments SN75LBC970ADL Datasheet HTML 11Page - Texas Instruments SN75LBC970ADL Datasheet HTML 12Page - Texas Instruments SN75LBC970ADL Datasheet HTML 13Page - Texas Instruments SN75LBC970ADL Datasheet HTML 14Page - Texas Instruments SN75LBC970ADL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Table 1. Output Test Enabling (No Clock Input)
SIGNAL
BUS
CONTROL INPUT(s)
INPUT(s)
OUTPUT
TEST
RSTFLTR
RESET
BBSY –
BBSY+
ABSY–
DSENS
ATN, ACK, MSG, C/D, REQ, I/O
A
B
H
H
L
ATN, ACK, MSG, C/D, REQ, I/O
B
A
H
L
L
RST
A
B
L—>H
H
L
H
H
RST
B
A
L—>H
H
L
H
H
SEL, BSY
B
A
L
H
L—>H
H
SEL, BSY
B
H
H
L
TIMEOUT
N/A
H
L
L
DRVBUS†
BBSY –/ BBSY+,
BSEL–/BSEL+,
TIMEOUT
DRVBUS
H
L
L
TIMEOUT
N/A
Z
H
L
† For these conditions, DRVBUS = BSEL or BBSY and TIMEOUT together.
Output
Input
TIMEOUT
15 pF
Input
Output
0 V
1.5 V
VCC
t0
t0
or
tP
tP
VOL
1.5 V
VOH
DRVBUS
tPHL
tPLH
RESET
TEST
DSENS,
BSEL, BBSY
RSTFLTR
TIMEOUT
DRVBUS
Figure 5. TIMEOUT to DRVBUS Delay Time Test Circuit and Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com