Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LBC971A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LBC971A
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC971A Datasheet HTML 2Page - Texas Instruments SN75LBC971A Datasheet HTML 3Page - Texas Instruments SN75LBC971A Datasheet HTML 4Page - Texas Instruments SN75LBC971A Datasheet HTML 5Page - Texas Instruments SN75LBC971A Datasheet HTML 6Page - Texas Instruments SN75LBC971A Datasheet HTML 7Page - Texas Instruments SN75LBC971A Datasheet HTML 8Page - Texas Instruments SN75LBC971A Datasheet HTML 9Page - Texas Instruments SN75LBC971A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOD(H) Driver high-level differential output voltage
See Figure 1
1
1.8
V
VOD(L)
Driver low-level differential output voltage
See Figure 1
– 1
– 2.2
V
VOH
High level output voltage
A side
VID = – 200 mV,
IOH = – 16 mA
2.5
4.2
V
VOH
High-level output voltage
B side
IOH = – 60 mA
3.4
V
VOL
Low level output voltage
A side
VID = 200 mV,
IOL = 16 mA
0.4
0.8
V
VOL
Low-level output voltage
B side
IOL = 60 mA
1.6
V
VIT+
Receiver positive-going
differential input
threshold voltage
IOH = – 16 mA
See Figure 2
0.2
V
VIT–
Receiver negative-going
differential input
threshold voltage
B side
IOL = 16 mA
See Figure 2
– 0.2
V
Vhys
Receiver input hysteresis
voltage (VIT + – VIT –)
35
45
mV
VI = 12 V,
VCC = 5 V
0.6
1
mA
II
Bus input current
BorB
I
,
Other input at 0 V
VCC = 0
0.7
1
mA
II
Bus input current
B or B
VI = – 7 V,
VCC = 5 V
– 0.5
– 0.8
mA
I
,
Other input at 0 V
VCC = 0
– 0.4
– 0.8
mA
A side
– 2.9
–5
–8
mA
IIH
High-level input current
RESET, DSENS
VIH = 2 V
–70
– 100
µA
SDB, DRVBUS
8
20
µA
A side
–6
–8
mA
IIL
Low-level input current
RESET, DSENS
VIL = 0.8 V
–66
– 100
µA
SDB, DRVBUS
±1
µA
IOS
Short-circuit output
current
B side
VO = 5 V and 0
±250
mA
IOZ
High-impedance-state
A side
See IIH and IIL
IOZ
g
output current
B side
See II
Disabled
RESET at 0.8 V,
Others open
23
33
ICC
Supply current
B to A
Enabled
SDB and DRVBUS at 2 V,
All other inputs open,
VID = – 1 V,
No load
36
mA
A to B
Enabled
SDB at 0.8 V,
All other inputs open,
DRVBUS at 2 V,
No load
4
9
CO
Output capacitance
VI = 0.6 sin(2π × 106t) + 1.5 V, BDBn to GND
19
21
pF
Cpd
Power dissipation capacitance‡
B to A,
One channel
100
pF
Cpd
Power dissipation capacitance‡
A to B,
One channel
450
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Cpd determines the no-load dynamic current consumption, IS = Cpd × VCC × f + ICC (ICC depends on the output states and load circuits and is
not necessarily the ICC specified in the Electrical Characteristics Table).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com