Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSD20F-331M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSD20F-331M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSD20F-331M Datasheet(HTML) 1 Page - Central Technologies

  CTSD20F-331M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.21.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*Irms: Average current for 40°C temp. rise from 25°C.
**Isat: DC current at which the inductance drops 30% typ. from its value without current.
L Test
DCR
*Irms
**Isat
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH ±20%)
(KHz)
(
Ω
Ω)
(A)
(A)
CTSD20F-R47M
0.47
100
0.0250
3.59
4.00
CTSD20F-1R2M
1.20
100
0.0344
3.07
2.55
CTSD20F-1R5M
1.50
100
0.0390
2.88
2.15
CTSD20F-2R2M
2.20
100
0.0536
2.45
1.87
CTSD20F-3R3M
3.30
100
0.0684
2.17
1.47
CTSD20F-4R7M
4.70
100
0.0765
2.05
1.33
CTSD20F-6R2M
6.20
100
0.0900
1.89
1.12
CTSD20F-8R2M
8.20
100
0.1250
1.61
0.966
CTSD20F-100M
10.0
100
0.1375
1.53
0.903
CTSD20F-150M
15.0
100
0.2069
1.25
0.718
CTSD20F-220M
22.0
100
0.2566
1.12
0.596
CTSD20F-330M
33.0
100
0.3875
0.913
0.491
CTSD20F-470M
47.0
100
0.5814
0.745
0.406
CTSD20F-680M
68.0
100
0.8685
0.610
0.337
CTSD20F-820M
82.0
100
0.9731
0.576
0.308
CTSD20F-101M
100
100
1.3250
0.495
0.283
CTSD20F-151M
150
100
1.7125
0.435
0.228
CTSD20F-221M
220
100
2.5500
0.356
0.188
CTSD20F-331M
330
100
3.7375
0.294
0.155
CTSD20F-471M
470
100
4.6750
0.263
0.129
CTSD20F-681M
680
100
6.950
0.216
0.107
CTSD20F-821M
820
100
7.775
0.204
0.098
CTSD20F-102M
1000
100
10.913
0.172
0.088
CTSD20F Series
From 0.47 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Digital cameras, CD players, cellular phones,
PDAs, PCMCIA cards, GPS systems, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Marking: Inductance Code
A
B
D
C
Size
A
B
C
D
Max.
Max.
Max.
Typ.
mm
5.2
5.2
2.0
1.5
inches
0.205
0.205
0.079
0.059
PHYSICAL DIMENSIONS
RoHS
Compliant
PAD LAYOUT
5.15
2.575
2.25
Unit: mm


Similar Part No. - CTSD20F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD25F CT-CTSD25F Datasheet
462Kb / 1P
Power Inductors - Shielded
CTSD25F-100M CT-CTSD25F-100M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTSD25F-101M CT-CTSD25F-101M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTSD25F-102M CT-CTSD25F-102M Datasheet
462Kb / 1P
Power Inductors - Shielded
CTSD25F-150M CT-CTSD25F-150M Datasheet
462Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTSD20F-331M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com