Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSDQ25F-R47M Datasheet(PDF) 1 Page - Central Technologies

Part # CTSDQ25F-R47M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSDQ25F-R47M Datasheet(HTML) 1 Page - Central Technologies

  CTSDQ25F-R47M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
09.13.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
Isat: DC current at which the inductance drops 30% typ. from its value without current.
CTSDQ25F Series
From 0.47 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Digital cameras, CD players, cellular phones,
PDAs, PCMCIA cards, GPS systems, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
C
D
D
Marking:
Inductance Code
Size
A
B
C
D
Max.
Max.
Max.
Typ
mm
5.2
5.2
2.5
1.5
inches
0.205
0.205
0.098
0.059
PHYSICAL DIMENSIONS
RoHS
Compliant
PAD LAYOUT
Unit: mm
1.45
2.975
2.25
5.95
Parallel Ratings
Series Ratings
L
OCL ±20%
Irms
Isat
DCR
OCL ±25%
Irms
Isat
DCR
Part Number
(µH)
(µH)
(A)
(A)
Max. (
Ω
Ω)
(µH)
(A)
(A)
Max. (
Ω
Ω)
CTSDQ25F-R47M
0.47
0.392
3.71
6.43
0.0226
1.57
1.86
3.21
0.0906
CTSDQ25F-R82M
0.82
0.648
3.37
5.00
0.0276
2.59
1.68
2.50
0.1104
CTSDQ25F-1R0M
1.0
0.97
3.15
4.09
0.0315
3.87
1.58
2.05
0.1259
CTSDQ25F-1R5M
1.5
1.35
2.97
3.46
0.0354
5.41
1.49
1.73
0.1413
CTSDQ25F-2R2M
2.2
2.31
2.67
2.65
0.0439
9.25
1.34
1.32
0.1753
CTSDQ25F-3R3M
3.3
2.89
2.50
2.37
0.0499
11.55
1.25
1.18
0.1994
CTSDQ25F-4R7M
4.7
5.00
1.96
1.80
0.0816
20.00
0.98
0.900
0.3265
CTSDQ25F-6R8M
6.8
6.73
1.84
1.55
0.0926
26.91
0.918
0.776
0.3705
CTSDQ25F-8R2M
8.2
8.71
1.57
1.36
0.1269
34.85
0.785
0.682
0.5074
CTSDQ25F-100M
10
9.80
1.53
1.29
0.1335
39.20
0.765
0.643
0.5341
CTSDQ25F-150M
15
14.79
1.24
1.05
0.2040
59.17
0.619
0.523
0.8158
CTSDQ25F-220M
22
22.47
1.01
0.849
0.3039
89.89
0.507
0.425
1.2155
CTSDQ25F-330M
33
33.80
0.812
0.692
0.4744
135.2
0.406
0.346
1.9000
CTSDQ25F-470M
47
47.43
0.749
0.584
0.5576
189.7
0.374
0.292
2.225
CTSDQ25F-680M
68
69.19
0.603
0.484
0.8581
276.8
0.302
0.242
3.438
CTSDQ25F-820M
82
81.61
0.580
0.446
0.9294
326.4
0.290
0.223
3.713
CTSDQ25F-101M
100
98.57
0.499
0.405
1.250
394.3
0.249
0.203
5.025
CTSDQ25F-151M
150
150.2
0.408
0.328
1.875
600.6
0.204
0.164
7.500
CTSDQ25F-221M
220
223.1
0.326
0.269
2.950
892.4
0.163
0.135
11.775
CTSDQ25F-331M
330
329.7
0.292
0.222
3.663
1318.7
0.146
0.111
14.683
CTSDQ25F-471M
470
472.4
0.243
0.185
5.313
1889.6
0.121
0.093
21.238
CTSDQ25F-681M
680
677.4
0.197
0.155
8.063
2709.8
0.098
0.077
32.225
CTSDQ25F-821M
820
824.3
0.186
0.140
9.063
3297.3
0.093
0.070
36.238
CTSDQ25F-102M
1000
1008.2
0.160
0.127
12.275
4032.8
0.080
0.063
49.075
CONNECTION DIAGRAM


Similar Part No. - CTSDQ25F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSD10F CT-CTSD10F Datasheet
172Kb / 1P
Power Inductors - Shielded
CTSD14F CT-CTSD14F Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-100M CT-CTSD14F-100M Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-101M CT-CTSD14F-101M Datasheet
475Kb / 1P
Power Inductors - Shielded
CTSD14F-102M CT-CTSD14F-102M Datasheet
475Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTSDQ25F-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com