Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSDM129NF-R60M Datasheet(PDF) 2 Page - Central Technologies

Part # CTSDM129NF-R60M
Description  DIP Inductors - Shielded
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSDM129NF-R60M Datasheet(HTML) 2 Page - Central Technologies

  CTSDM129NF-R60M Datasheet HTML 1Page - Central Technologies CTSDM129NF-R60M Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
10.03.08
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
DIP Inductors - Shielded
CTSDM129NF Series
DC CURRENT vs INDUCTANCE & TEMPERATURE RISE
0
10
203040
5060
DC CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
90
100
0
153045
60
DC CURRENT(A )
0
0.1
0.2
0.3
0.4
0
20
40
60
80
100
CTSDM129NF-R25M
CTSDM129NF-R30M
010
20
30
40
DC CURRENT(A)
0
0.15
0.3
0.45
0.6
0
10
20
30
40
50
60
70
80
010
20
30
40
50
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
0
102030
4050
DC CURRENT(A)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
0
1020304050
DC CURRENT(A)
0
0.25
0.5
0.75
1
0
10
20
30
40
50
60
70
80
90
100
CTSDM129NF-R47M
CTSDM129NF-R50M
CTSDM129NF-R60M
CTSDM129NF-R68M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com