Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSLF0732 Datasheet(PDF) 1 Page - Central Technologies

Part # CTSLF0732
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSLF0732 Datasheet(HTML) 1 Page - Central Technologies

  CTSLF0732 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
02.20.09
Size
A
B
C
D
E
Typ.
Typ.
mm
7±0.2
7±0.2
3.2±0.2
4.0
2.0
inches
0.28±0.008
0.28±0.008
0.126±0.008
0.157
0.079
PHYSICAL DIMENSIONS
PAD LAYOUT
XXX
Marking
(Inductance code)
A
B
C
D
E
2.2
Unit: mm
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTSLF0732TF Please specify “F” for RoHS compliant
L Test
DCR
Rated
Part
Inductance
Freq.
±20%
DC
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTSLF0732T_-3R3M
3.3
1.0
0.023
1.90
CTSLF0732T_-4R7M
4.7
1.0
0.036
1.70
CTSLF0732T_-6R8M
6.8
1.0
0.041
1.60
CTSLF0732T_-100M
10
1.0
0.053
1.40
CTSLF0732T_-150M
15
1.0
0.075
1.10
CTSLF0732T_-220M
22
1.0
0.110
0.96
CTSLF0732T_-330M
33
1.0
0.160
0.75
CTSLF0732T_-470M
47
1.0
0.240
0.67
CTSLF0732T_-680M
68
1.0
0.310
0.59
CTSLF0732T_-101M
100
1.0
0.450
0.45
CTSLF0732T_-151M
150
1.0
0.650
0.37
CTSLF0732T_-221M
220
1.0
1.050
0.29
CTSLF0732T_-331M
330
1.0
1.670
0.22
CTSLF0732T_-471M
470
1.0
2.050
0.20
CTSLF0732T_-681M
680
1.0
3.150
0.16
CTSLF0732T_-102M
1000
1.0
4.780
0.13
CTSLF0732 Series
From 3.3 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: For power source circuits, low profile type DC to
DC converters, DC to AC inverters etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz, 0.5V
Rated Current: Value obtained when DC current flows and the
initial value of inductance has fallen by 10%.
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.


Similar Part No. - CTSLF0732

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSLF0745 CT-CTSLF0745 Datasheet
203Kb / 1P
Power Inductors - Shielded
CTSLF0745T-100M CT-CTSLF0745T-100M Datasheet
203Kb / 1P
Power Inductors - Shielded
CTSLF0745T-101M CT-CTSLF0745T-101M Datasheet
203Kb / 1P
Power Inductors - Shielded
CTSLF0745T-102M CT-CTSLF0745T-102M Datasheet
203Kb / 1P
Power Inductors - Shielded
CTSLF0745T-150M CT-CTSLF0745T-150M Datasheet
203Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTSLF0732

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com