Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTML0603-R18M Datasheet(PDF) 1 Page - Central Technologies

Part # CTML0603-R18M
Description  Multi-layer Chip Inductors - Ferrite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTML0603-R18M Datasheet(HTML) 1 Page - Central Technologies

  CTML0603-R18M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ferrite
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.11.08
Size
A
B
C
D
mm
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
inches
0.06±0.006
0.03±0.006
0.03±0.006
0.01±0.008
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTML0603-R047_
K = ±10%, M = ±20%
CTML0603F Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTML0603_-R047_
.047
50
10
50
260
.30
50
CTML0603_-R068_
.068
50
10
50
250
.30
50
CTML0603_-R082_
.082
50
10
50
245
.30
50
CTML0603_-R10_
.10
25
15
25
240
.50
50
CTML0603_-R12_
.12
25
15
25
205
.50
50
CTML0603_-R15_
.15
25
15
25
180
.60
50
CTML0603_-R18_
.18
25
15
25
165
.60
50
CTML0603_-R22_
.22
25
15
25
150
.80
50
CTML0603_-R27_
.27
25
15
25
136
.80
50
CTML0603_-R33_
.33
25
15
25
125
.85
35
CTML0603_-R39_
.39
25
15
25
110
1.0
35
CTML0603_-R47_
.47
25
15
25
105
1.3
35
CTML0603_-R56_
.56
25
15
25
95
1.5
35
CTML0603_-R68_
.68
25
15
25
90
1.7
35
CTML0603_-R82_
.82
25
15
25
85
2.1
35
CTML0603_-1R0_
1.0
10
35
10
75
.60
25
CTML0603_-1R2_
1.2
10
35
10
65
.80
25
CTML0603_-1R5_
1.5
10
35
10
60
.80
25
CTML0603_-1R8_
1.8
10
35
10
55
.95
25
CTML0603_-2R2_
2.2
10
35
10
50
1.1
15
CTML0603_-2R7_
2.7
10
35
10
45
1.3
15
CTML0603_-3R3_
3.3
10
35
10
40
1.5
15
CTML0603_-3R9_
3.9
10
35
10
35
1.7
15
CTML0603_-4R7_
4.7
10
35
10
33
2.1
15
CTML0603_-5R6_
5.6
4
35
4
22
1.5
5
CTML0603_-6R8_
6.8
4
35
4
20
1.7
5
CTML0603_-8R2_
8.2
4
35
4
18
2.1
5
CTML0603_-100_
10
2
30
2
17
1.8
3
CTML0603_-120_
12
2
30
2
15
2.1
3
CTML0603_-150_
15
1
20
1
14
1.7
1
CTML0603_-180_
18
1
20
1
13
1.8
1
CTML0603_-220_
22
1
20
1
11
2.1
1
CTML0603_-270_
27
1
20
1
10
2.7
1
CTML0603_-330_
33
1
20
1
9
2.9
1
CTML0603 Series
From .047 µH to 33 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, multi-layer chip inductor. Magnetic
shielded.
Applications: LC resonant circuits such as oscillator and signal
generators, RF filters, disk drives, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10% & ±20%
Testing: Inductance and Q are tested on an HP4286A at
specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #17


Similar Part No. - CTML0603-R18M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results

Similar Description - CTML0603-R18M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com