Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSLF0745 Datasheet(PDF) 1 Page - Central Technologies

Part # CTSLF0745
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSLF0745 Datasheet(HTML) 1 Page - Central Technologies

  CTSLF0745 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.20.07
Size
A
B
C
D
E
F
Typ.
Typ.
Typ.
mm
7±0.2
7±0.2
4.5±0.3
4.9
0.9
2.0
inches
0.28±0.008
0.28±0.008
0.18±0.012
0.193
0.035
0.079
PHYSICAL DIMENSIONS
PAD LAYOUT
Marking
(Inductance code)
A
B
C
D
E
F
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTSLF0745TF Please specify “F” for RoHS Compliant
L Test
DCR
Rated
Itemp
Part
Inductance
Freq.
±20%
DC
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
(A)
CTSLF0745T_-2R2M
2.2
100
0.033
3.2
3.2
CTSLF0745T_-3R3M
3.3
1.0
0.02
2.5
2.3
CTSLF0745T_-4R7M
4.7
1.0
0.03
2.0
2.1
CTSLF0745T_-6R8M
6.8
1.0
0.039
1.7
1.74
CTSLF0745T_-100M
10
1.0
0.036
1.3
1.78
CTSLF0745T_-150M
15
1.0
0.052
1.1
1.53
CTSLF0745T_-220M
22
1.0
0.061
0.9
1.34
CTSLF0745T_-330M
33
1.0
0.096
0.82
1.09
CTSLF0745T_-470M
47
1.0
0.125
0.75
0.92
CTSLF0745T_-680M
68
1.0
0.175
0.6
0.77
CTSLF0745T_-101M
100
1.0
0.25
0.5
0.65
CTSLF0745T_-151M
150
1.0
0.34
0.4
0.55
CTSLF0745T_-221M
220
1.0
0.52
0.33
0.45
CTSLF0745T_-331M
330
1.0
0.74
0.25
0.37
CTSLF0745T_-471M
470
1.0
1.05
0.22
0.31
CTSLF0745T_-681M
680
1.0
1.48
0.2
0.27
CTSLF0745T_-102M
1000
1.0
2.28
0.14
0.25
CTSLF0745 Series
From 2.2 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: For power source circuits, low profile type DC to
DC converters, DC to AC inverters etc.
Operating Temperature: -20°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at specified
frequency.
IDC Current: Value obtained when DC current flows and the
initial value of inductance has fallen by 10%
Itemp Current: Value obtained when current flows and the
temperature has risen to 20°C
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.


Similar Part No. - CTSLF0745

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSLF0745TF CT-CTSLF0745TF Datasheet
141Kb / 1P
Power Inductors - Shielded
REV 11.03.17
CTSLF0745TF-100M CT-CTSLF0745TF-100M Datasheet
141Kb / 1P
Power Inductors - Shielded
REV 11.03.17
CTSLF0745TF-101M CT-CTSLF0745TF-101M Datasheet
141Kb / 1P
Power Inductors - Shielded
REV 11.03.17
CTSLF0745TF-102M CT-CTSLF0745TF-102M Datasheet
141Kb / 1P
Power Inductors - Shielded
REV 11.03.17
CTSLF0745TF-150M CT-CTSLF0745TF-150M Datasheet
141Kb / 1P
Power Inductors - Shielded
REV 11.03.17
More results

Similar Description - CTSLF0745

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com