Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSLF1045 Datasheet(PDF) 1 Page - Central Technologies

Part # CTSLF1045
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSLF1045 Datasheet(HTML) 1 Page - Central Technologies

  CTSLF1045 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.29.05
Size
A
B
C
D
E
F
G
Typ.
mm
10.1±0.3
10.1±0.3
4.5±0.3
0.15
3±0.1
6±0.2
2±0.15
inches 0.40±0.012 0.40±0.012 0.18±0.012 0.006
0.12±0.004
0.24±0.008
0.08±0.006
PHYSICAL DIMENSIONS
PAD LAYOUT
XXX
Marking
(Inductance code)
A
B
C
F
E
G
D
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTSLF1045TF Please specify “F” for RoHS compliant.
L Test
DCR
Rated
Itemp
Part
Inductance
Freq.
±20%
DC
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
(A)
CTSLF1045T_-100M
10
1.0
0.0364
3.0
2.5
CTSLF1045T_-150M
15
1.0
0.0472
2.4
2.2
CTSLF1045T_-220M
22
1.0
0.0591
2.1
1.9
CTSLF1045T_-330M
33
1.0
0.0815
1.6
1.7
CTSLF1045T_-470M
47
1.0
0.1
1.4
1.5
CTSLF1045T_-680M
68
1.0
0.14
1.2
1.3
CTSLF1045T_-101M
100
1.0
0.2
1.0
1.1
CTSLF1045T_-151M
150
1.0
0.35
0.79
0.81
CTSLF1045T_-221M
220
1.0
0.47
0.65
0.7
CTSLF1045T_-331M
330
1.0
0.68
0.54
0.58
CTSLF1045T_-471M
470
1.0
1.03
0.47
0.47
CTSLF1045T_-681M
680
1.0
1.6
0.38
0.38
CTSLF1045T_-102M
1000
1.0
2.8
0.32
0.29
CTSLF1045T_-152M
1500
1.0
3.4
0.22
0.26
CTSLF1045 Series
From 10 µH to 1500 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: For power source circuits, low profile type DC to
DC converters, DC to AC inverters etc.
Operating Temperature: -20°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz, 0.5V
IDC Current: Value obtained when DC current flows and the
initial value of inductance has fallen by 10%
Itemp Current: Value obtained when current flows and the
temperature has risen to 30°C
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: Magnetically shielded. RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTSLF1045

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSLF1045F CT-CTSLF1045F Datasheet
145Kb / 1P
Power Inductors - Shielded
REV 02.22.18
CTSLF1045TF-100M CT-CTSLF1045TF-100M Datasheet
145Kb / 1P
Power Inductors - Shielded
REV 02.22.18
CTSLF1045TF-101M CT-CTSLF1045TF-101M Datasheet
145Kb / 1P
Power Inductors - Shielded
REV 02.22.18
CTSLF1045TF-102M CT-CTSLF1045TF-102M Datasheet
145Kb / 1P
Power Inductors - Shielded
REV 02.22.18
CTSLF1045TF-150M CT-CTSLF1045TF-150M Datasheet
145Kb / 1P
Power Inductors - Shielded
REV 02.22.18
More results

Similar Description - CTSLF1045

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com