Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75LP196N Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LP196N
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LP196N Datasheet(HTML) 3 Page - Texas Instruments

  SN75LP196N Datasheet HTML 1Page - Texas Instruments SN75LP196N Datasheet HTML 2Page - Texas Instruments SN75LP196N Datasheet HTML 3Page - Texas Instruments SN75LP196N Datasheet HTML 4Page - Texas Instruments SN75LP196N Datasheet HTML 5Page - Texas Instruments SN75LP196N Datasheet HTML 6Page - Texas Instruments SN75LP196N Datasheet HTML 7Page - Texas Instruments SN75LP196N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN75LP196
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS294A – APRIL 1998 – REVISED JUNE 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Positive supply-voltage range (see Note 1): VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD (see Note 1)
–0.5 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply-voltage range, VSS (see Note 1)
0.5 V to –15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-voltage range, VI: Receiver (RA)
–30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver (DA)
–0.5 V to VCC+0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output-voltage range, VO: Receiver (RY)
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver (DY)
–15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Bus pins (human-body model) (see Note 2)
Class 3, A: 15 kV
. . . . . . . . . . . . . . . . . . .
All pins (human-body model) (see Note 2)
Class 3, A: 5 kV
. . . . . . . . . . . . . . . . . . . . . .
All pins (machine model)
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 3 and 4): DB package
115
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
128
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network ground terminal, unless otherwise noted.
2. Per MIL-STD-883 Method 3015.7
3. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
4. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 5)
4.75
5
5.25
V
VDD
Supply voltage (see Note 6)
9
12
15
V
VSS
Supply voltage (see Note 6)
–9
–12
–15
V
VIH
High-level input voltage
DA
2
V
VIL
Low-level input voltage
DA
0.8
V
VI
Receiver input voltage
RA
–25
25
V
IOH
High-level output current
RY
–1
mA
IOL
Low-level output current
RY
2
mA
TA
Operating free-air temperature
0
70
°C
NOTES:
5. VCC cannot be greater than VDD.
6. The device operates down to VDD = VCC and |VSS| = VCC, but supply currents increase and other parameters may vary slightly from
the data-sheet limits.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com