Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSPW Datasheet(PDF) 1 Page - Central Technologies

Part # CTSPW
Description  Power Transformers - Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPW Datasheet(HTML) 1 Page - Central Technologies

  CTSPW Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformers - Low Profile
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.28.06
SPECIFICATIONS
CTSPWF Please specify “F” for RoHS compliant
CTSPW Low Profile
2.5 VA - 12.0 VA
Not shown at actual size.
CHARACTERISTICS
Description: Power Transformers (Low Profile)
Applications: Linear Power Supplies, Equipments such as
monitors and TV Power Transformers, AC/DC adaptor, Radiogram
recorder, Sounder,
Other home electric
Dual Primaries: 115/ 230V ,50/60Hz
HI-POT: 1500V rms
Packaging: Bulk
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical information
available upon request
Features:
Low Profile design allows low PCB clearance : 3/4" for 2.5VA
units, 1" for 6VA units and 1.25" for 12VA units.
Non concentric winding where the secondary is wound
alongside rather than directly over primary. This lowers the
interwinding capacitance thereby eliminating the need for an
electrostatic shield.
Hum Bucking (Semi-Toroidal) construction diminishes radiated
magnetic field and balanced windings.
Samples available. See website for ordering information.
A
F
PBC Pattern
E
1
5
Indicates Polarity
PRIMARIES
115V/230V
50/60Hz
7
8
6
4
3
2
E
C
E
E
D
B
1
5
1.0mm
Bottom View
6
8
7
3
4
2
PHYSICAL DIMENSIONS
CTSPW-050~061
CTSPW-100~111
CTSPW-300~311
VA
2.5
6.0
12.0
A
48.10mm
48.10mm
64.70mm
B
38.10mm
38.10mm
50.00mm
C
17.00mm
21.50mm
26.30mm
D
6.00mm
6.00mm
6.00mm
E
9.50mm
9.50mm
12.70mm
F
40.00mm
40.00mm
50.30mm
WEIGHT
RoHS
Compliant
Available
Part Numbers
115V/230 Dual Primaries
VA
Secondary
PARALLEL
SERIES
CTSPW_-050
2.5
5V @ 500 mA
10V CT @250 mA
CTSPW_-051
2.5
6.3V @ 400 mA
12.6V CT @ 200 mA
CTSPW_-052
2.5
8V @ 300 mA
16V CT @ 150 mA
CTSPW_-053
2.5
10V @ 250 mA
20V CT @ 125 mA
CTSPW_-054
2.5
12V @ 200 mA
24V CT @ 100 mA
CTSPW_-055
2.5
17V @ 150 mA
34V CT @ 75 mA
CTSPW_-056
2.5
20V @ 120 mA
40V CT @ 60 mA
CTSPW_-057
2.5
28V @ 90 mA
56V CT @ 45 mA
CTSPW_-058
2.5
44V @ 56 mA
88V CT @ 28 mA
CTSPW_-059
2.5
60V @ 40 mA
120V CT @ 20 mA
CTSPW_-060
2.5
115V @ 20 mA
230V CT @ 10 mA
CTSPW_-061
2.5
15V @ 170 mA
30V CT @ 85 mA
CTSPW_-100
6.0
5V @ 1.2A
10V CT @600 mA
CTSPW_-101
6.0
6.3V @ 900 mA
12.6V CT @ 450 mA
CTSPW_-102
6.0
8V @ 700 mA
16V CT @ 350 mA
CTSPW_-103
6.0
10V @ 600 mA
20V CT @ 300 mA
CTSPW_-104
6.0
12V @ 500 mA
24V CT @ 250 mA
CTSPW_-105
6.0
17V @ 340 mA
34V CT @ 170 mA
CTSPW_-106
6.0
20V @ 300 mA
40V CT @ 150 mA
CTSPW_-107
6.0
28V @ 200 mA
56V CT @ 100 mA
CTSPW_-108
6.0
44V @ 130 mA
88V CT @ 65 mA
CTSPW_-109
6.0
60V @ 100 mA
120V CT @ 50 mA
CTSPW_-110
6.0
115V @ 50 mA
230V CT @ 25 mA
CTSPW_-111
6.0
15V @ 400 mA
30V CT @ 200 mA
CTSPW_-300
12.0
5V @ 2.4A
10V CT @ 1.2A
CTSPW_-301
12.0
6.3V @ 1.8A
12.6V CT @ 900 mA
CTSPW_-302
12.0
8V @ 1.4A
16V CT @ 700 mA
CTSPW_-303
12.0
10V @ 1.2A
20V CT @ 600 mA
CTSPW_-304
12.0
12V @ 1.0A
24V CT @ 500 mA
CTSPW_-305
12.0
17V @ 680 mA
34V CT @ 340 mA
CTSPW_-306
12.0
20V @ 600 mA
40V CT @ 300 mA
CTSPW_-307
12.0
28V @ 400 mA
56V CT @ 200 mA
CTSPW_-308
12.0
44V @ 260 mA
88V CT @ 130 mA
CTSPW_-309
12.0
60V @ 200 mA
120V CT @ 100 mA
CTSPW_-310
12.0
115V @ 100 mA
230V CT @ 50 mA
CTSPW_-311
12.0
15V @ 800 mA
30V CT @ 400 mA
CTSPW-050~061
CTSPW-100~111
CTSPW-300~311
VA
2.5
6.0
12.0
141.75g/pc
198.45g/pc
311.85g/pc
PHYSICAL DIMENSIONS


Similar Part No. - CTSPW

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPWF-350-D CT-CTSPWF-350-D Datasheet
180Kb / 2P
Power Transformers - Standard E Dual 115V
CTSPWF-350-S CT-CTSPWF-350-S Datasheet
180Kb / 2P
Power Transformers - Standard E Single 115V
CTSPWF-351-D CT-CTSPWF-351-D Datasheet
180Kb / 2P
Power Transformers - Standard E Dual 115V
CTSPWF-351-S CT-CTSPWF-351-S Datasheet
180Kb / 2P
Power Transformers - Standard E Single 115V
CTSPWF-352-D CT-CTSPWF-352-D Datasheet
180Kb / 2P
Power Transformers - Standard E Dual 115V
More results

Similar Description - CTSPW

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PHT-1901 MICRO-ELECTRONICS-PHT-1901 Datasheet
240Kb / 1P
LOW PROFILE INTERFACE COUPLING AND HYBRID TRANSFORMERS
logo
Filtran LTD
4701 FILTRAN-4701 Datasheet
77Kb / 1P
Power Transformers Low Profile
4881 FILTRAN-4881 Datasheet
94Kb / 1P
Power Transformers Low Profile
logo
List of Unclassifed Man...
3FL10-250 ETC2-3FL10-250 Datasheet
133Kb / 1P
Low Profile Laminated Power Transformers
logo
Rhombus Industries Inc.
T-31104 RHOMBUS-IND-T-31104 Datasheet
29Kb / 1P
Low Profile Modem Coupling and Voiceband Transformers
T-60300 RHOMBUS-IND-T-60300 Datasheet
18Kb / 1P
Low Profile PC Power Transformers
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Bel Fuse Inc.
PC-10-90 BEL-PC-10-90 Datasheet
1Mb / 3P
Miniature Low Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com