Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTSPWF-S Datasheet(PDF) 2 Page - Central Technologies

Part # CTSPWF-S
Description  Power Transformers - Standard E Single 115V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSPWF-S Datasheet(HTML) 2 Page - Central Technologies

  CTSPWF-S Datasheet HTML 1Page - Central Technologies CTSPWF-S Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
Power Transformers - Standard E Single 115V
ctparts.com
CTSPWF Standard E
Single 115V
1.1 VA - 36.0 VA
B
4
8
Clearance Hole For
Optional MTG Screw
And Nut
Bottom View
D
E
I
PCB Pattern
H
D
H
4
5
6
7
8
115Vac 60Hz
1
D
D
E
C
1.041mm
6
1
5
7
A
G
F
PHYSICAL DIMENSIONS
WEIGHT
350-S~359-S
400-S~409-S
500-S~509-S
600-S~609-S
610-S~619-S
620-S~629-S
VA
1.1
2.4
6.0
12.0
20.0
36.0
73g
110g
180g
311g
384g
520g
350-S~359-S
400-S~409-S
500-S~509-S
600-S~609-S
610-S~619-S
620-S~629-S
03.20.06
VA
1.1
2.4
6.0
12.0
20.0
36.0
A
35.50mm
35.50mm
41.28mm
48.50mm
57.15mm
66.68mm
B
30.00mm
30.00mm
33.35mm
40.30mm
47.63mm
55.58mm
C
24.00mm
30.50mm
33.35mm
36.80mm
36.53mm
40.50mm
D
6.35mm
6.35mm
6.35mm
7.62mm
7.62mm
10.16mm
E
6.35mm
6.35mm
8.89mm
10.16mm
10.16mm
10.16mm
F
30.48mm
30.48mm
32.51mm
35.81mm
40.64mm
46.99mm
G
---
---
27.00mm
31.75mm
38.10mm
---
H
19.05mm
19.05mm
21.59mm
25.40mm
25.40mm
30.48mm
I
29.98mm
29.98mm
32.01mm
35.31mm
40.14mm
46.49mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com