Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTML0805-R82M Datasheet(PDF) 1 Page - Central Technologies

Part # CTML0805-R82M
Description  Multi-layer Chip Inductors - Ferrite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTML0805-R82M Datasheet(HTML) 1 Page - Central Technologies

  CTML0805-R82M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ferrite
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
11.14.08
Size
A
B
C
D
mm
2±0.2
1.25±0.2
See
0.5±0.3
inches
0.08±0.008
0.05±0.008
Ordering Info
0.02±0.012
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTML0805-R10_
K = ±10%, M = ±20%
CTML0805F Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Height
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
C
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
(mm)
CTML0805_-R047M
.047
50
15
50
320
.20
300
0.90±0.2
CTML0805_-R068M
.068
50
15
50
280
.20
300
0.90±0.2
CTML0805_-R082M
.082
50
15
50
255
.20
300
0.90±0.2
CTML0805_-R10_
.10
25
20
25
235
.30
250
0.90±0.2
CTML0805_-R12_
.12
25
20
25
220
.30
250
0.90±0.2
CTML0805_-R15_
.15
25
20
25
200
.40
250
0.90±0.2
CTML0805_-R18_
.18
25
20
25
185
.40
250
0.90±0.2
CTML0805_-R22_
.22
25
20
25
170
.50
250
0.90±0.2
CTML0805_-R27_
.27
25
20
25
150
.50
250
0.90±0.2
CTML0805_-R33_
.33
25
25
25
145
.55
250
0.90±0.2
CTML0805_-R39_
.39
25
25
25
135
.65
200
0.90±0.2
CTML0805_-R47_
.47
25
25
25
125
.65
200
0.90±0.2
CTML0805_-R56_
.56
25
25
25
115
.75
150
0.90±0.2
CTML0805_-R68_
.68
25
25
25
105
.80
150
0.90±0.2
CTML0805_-R82_
.82
25
25
25
100
1.0
150
0.90±0.2
CTML0805_-1R0_
1.0
10
45
10
75
.40
50
0.90±0.2
CTML0805_-1R2_
1.2
10
45
10
65
.50
50
0.90±0.2
CTML0805_-1R5_
1.5
10
45
10
60
.50
50
0.90±0.2
CTML0805_-1R8_
1.8
10
45
10
55
.60
50
0.90±0.2
CTML0805_-2R2_
2.2
10
45
10
50
.65
30
0.90±0.2
CTML0805_-2R7_
2.7
10
45
10
45
.75
30
1.25±0.2
CTML0805_-3R3_
3.3
10
45
10
41
.80
30
1.25±0.2
CTML0805_-3R9_
3.9
10
45
10
38
.90
30
1.25±0.2
CTML0805_-4R7_
4.7
10
45
10
35
1.0
30
1.25±0.2
CTML0805_-5R6_
5.6
4.0
50
4.0
32
.90
15
1.25±0.2
CTML0805_-6R8_
6.8
4.0
50
4.0
29
1.0
15
1.25±0.2
CTML0805_-8R2_
8.2
4.0
50
4.0
26
1.1
15
1.25±0.2
CTML0805_-100_
10
2.0
45
2.0
24
1.1
15
0.90±0.2
CTML0805_-120_
12
2.0
50
2.0
22
1.2
15
0.90±0.2
CTML0805_-150_
15
1.0
30
1.0
19
.80
5.0
0.90±0.2
CTML0805_-180_
18
1.0
30
1.0
18
.90
5.0
0.90±0.2
CTML0805_-220_
22
1.0
30
1.0
16
1.1
5.0
0.90±0.2
CTML0805_-270_
27
1.0
30
1.0
14
1.1
5.0
0.90±0.2
CTML0805_-330_
33
.40
30
.40
13
1.2
5.0
0.90±0.2
CTML0805 Series
From .047 µH to 33 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, multi-layer chip inductor. Magnetic
shielded.
Applications: LC resonant circuits such as oscillator and signal
generators, RF filters, disk drives, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A or
HP4286A at specified frequency
Packaging: Tape & Reel
Marking: Reels marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #17


Similar Part No. - CTML0805-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805HCF CT-CTML0805HCF Datasheet
166Kb / 1P
Multi-layer High Current Chip Inductors - Ferrite
CTML0805HCF-100M CT-CTML0805HCF-100M Datasheet
166Kb / 1P
Multi-layer High Current Chip Inductors - Ferrite
CTML0805HCF-101M CT-CTML0805HCF-101M Datasheet
166Kb / 1P
Multi-layer High Current Chip Inductors - Ferrite
CTML0805HCF-1R0M CT-CTML0805HCF-1R0M Datasheet
166Kb / 1P
Multi-layer High Current Chip Inductors - Ferrite
More results

Similar Description - CTML0805-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com