Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2195 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2195
Description  Active Lowpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2195 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2195 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active
Lowpass
Filter
KR Model
2195
10 dB/DIV
KR Part Number
2195
Filter Type
16 Hz Active Lowpass Filter
Approximate -3 dB Frequency
16 Hz
Attenuation at 60 Hz and above
>40 dB
Gain
0 dB ± 0.1 dB
Supply Voltage
± 15 V
Supply Current
7 mA max
Operating Temperature
0° C to 70° C
Storage Temperature
0° C to 70° C
Epoxy Package
All Dimensions inches
Connect both ground pins to ground plane
1 Hz
10 Hz
100 Hz
1000 Hz
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2195

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2195 ALPHAWIRE-2195 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
RAF ELECTRONIC HARDWARE
2195-1032-SS RAF-2195-1032-SS Datasheet
112Kb / 1P
5/16 HEX FEMALE STANDOFFS
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
logo
Molex Electronics Ltd.
219562 MOLEX-219562 Datasheet
130Kb / 4P
Board-to-Board Connectors
Sep 06, 2023
219562-0031 MOLEX-219562-0031 Datasheet
130Kb / 4P
Board-to-Board Connectors
Sep 06, 2023
More results

Similar Description - 2195

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2_1 Datasheet
311Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2216 KR-2216 Datasheet
31Kb / 1P
Active Lowpass Filter
2321 KR-2321 Datasheet
28Kb / 1P
Active Lowpass Filter
2360 KR-2360 Datasheet
23Kb / 1P
Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
Active Lowpass Filter
2376 KR-2376 Datasheet
15Kb / 1P
Active Lowpass Filter
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
Active Lowpass Filter
logo
Linear Technology
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
Active RC, 4th Order Lowpass Filter Family
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com