Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3001C Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS3001C
Description  Stereo Audio Digital Equalizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001C Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS3001C Datasheet HTML 17Page - Texas Instruments TAS3001C Datasheet HTML 18Page - Texas Instruments TAS3001C Datasheet HTML 19Page - Texas Instruments TAS3001C Datasheet HTML 20Page - Texas Instruments TAS3001C Datasheet HTML 21Page - Texas Instruments TAS3001C Datasheet HTML 22Page - Texas Instruments TAS3001C Datasheet HTML 23Page - Texas Instruments TAS3001C Datasheet HTML 24Page - Texas Instruments TAS3001C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
3−1
3 Serial Control Interface (I2C)
The TAS3001 operation is controlled using the RESET signal and the serial control interface. Control information is
downloaded into the TAS3001 control registers by an I2C master device, such as a microprocessor, microcontroller,
or DSP. These registers control the settings for volume, bass, treble, mixing, and filtering. A description of the register
addresses and control formats is given in Appendix A.
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Each device is addressed by sending a unique 7-bit slave address plus an R/W bit (1 byte).
All I2C compatible devices are controlled using the SDA and SCL signals using a wire-ANDed connection. A pullup
resistor must be used to set the high level on the bus. The TAS3001 operates in standard I2C mode up to 100 kbps
with as many devices on the bus as desired up to the capacitance load limit of 400 pF.
The TAS3001 is an I2C slave-only device; therefore, at least one device connected to the I2C bus with this device
must operate in master mode. The pullup resistor is generally 4.99 k
Ω. Upon power up, the I2C is in an unknown state
until the master clock has been applied and the TAS3001 has been reset. Prior to reset, the TAS3001 may hold the
SDA and/or SCL lines low. This creates I2C communication errors for any other device that attempts to use the bus.
3.1
I2C Protocol
The bus standard uses transitions on the data pin (SDA) while the clock is high to indicate start and stop conditions.
A high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data-bit
transitions must occur within the low time of the clock period. These conditions are shown in Figure 3−1. These start
and stop conditions for the I2C bus are required by standard protocol to be generated by the master. The master must
also generate the 7-bit slave address and the read/write (R/W) bit to open communication with another device and
then wait for an acknowledge condition. The slave holds SDA low during acknowledge clock period to indicate an
acknowledgment. When this occurs, the master transmits the next byte of the sequence.
After each 8-bit word, an acknowledgment must be transmitted by the receiving device. There is no limit on the
number of bytes that can be transmitted between start and stop conditions. When the last word transfers, the master
generates a stop condition to release the bus. A generic data transfer sequence is shown in Figure 3−1. Definitions
for the I2C protocol terms are listed in Table 3−1.
7 Bit Slave Address
R/W
8 Bit Subaddress (N)
AA
8 Bit Data For
Address (N)
A
8 Bit Data For
Address (N)
A
7
6
543
2
1
0
7
6
5
43
2
1
0
7
6
5
43
2
1
0
7
6
5
43
2
1
0
Start
Stop
SDA
SCL
Figure 3−1. Typical I2C Data Transfer Sequence
Table 3−1. I2C Protocol Definitions
DEFINITION
DESCRIPTION
Master
The device that initiates a transfer, generates clock signals, and terminates the transfer
Receiver
The device that receives data
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com