Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC211 Datasheet(PDF) 2 Page - Texas Instruments

Part # TC211
Description  192- 횞 165-pixel ccd image sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC211 Datasheet(HTML) 2 Page - Texas Instruments

  TC211 Datasheet HTML 1Page - Texas Instruments TC211 Datasheet HTML 2Page - Texas Instruments TC211 Datasheet HTML 3Page - Texas Instruments TC211 Datasheet HTML 4Page - Texas Instruments TC211 Datasheet HTML 5Page - Texas Instruments TC211 Datasheet HTML 6Page - Texas Instruments TC211 Datasheet HTML 7Page - Texas Instruments TC211 Datasheet HTML 8Page - Texas Instruments TC211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC211
192-
× 165-PIXEL CCD IMAGE SENSOR
SOCS008B – JANUARY 1990
2-2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Serial Register
1
192
Clear Gate
165
12 Dark Pixels
192 Image Pixels
6 Dummy Pixels
ABG
ADB
OUT
VSS
1
3
4
2
6
5
1
IAG
SRG
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABG
1
I
Antiblooming gate
VSS
2
Amplifier ground
ADB
3
I
Supply voltage for amplifier drain bias
OUT
4
O
Output signal
SRG
5
I
Serial-register gate
IAG
6
I
Image-area gate storage
functional description
The image-sensing area consists of 165 horizontal image lines each containing 192 photosensitive elements
(pixels). Each pixel is 13.75
µm (horizontal) by 16.00 µm (vertical). As light enters the silicon in the
image-sensing area, free electrons are generated and collected in potential wells (see Figure 1). During this
time, the antiblooming gate is activated by applying a burst of pulses every horizontal blanking interval. This
prevents blooming caused by the spilling of charge from overexposed elements into neighboring elements. The
antiblooming gate is typically held at a midlevel voltage during readout. The quantity of charge collected in each
pixel is a linear function of the incident light and the exposure time. After exposure and under dark conditions,
the charge packets are transferred from the image area to the serial register at the rate of one image line per
each clock pulse applied to the image-area gate. Once an image line has been transferred into the serial register,
the serial-register gate can be clocked until all of the charge packets are moved out of the serial register to the
charge detection node at the amplifier input.
There are 12 dark pixels to the right of the 192 image pixels on each image line. These dark pixels are shielded
from incident light and the signal derived from them can be used to generate a dark reference for restoration
of the video black level on the next image line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com