Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2291 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2291
Description  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2291 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2291 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bandpass
Filter
KR Series 2291
KR Electronics
91 Avenel Street
Avenel, NJ 07001
Phone: (732) 636-1900
Fax: (732) 636-1982
KR Part Number
2291
Filter Type
Crystal Bandpass
Center Frequency
15 MHz
Insertion Loss
< 3 dB
14.975 MHz
> 20 dB
14.991 MHz
< 0.3 dB
15 MHz
Ref
15.009 MHz
< 0.3 dB
15.025 MHz
> 20 dB
Impedance
50
Ω
Specifications
Overall Amplitude
Overall Amplitude
Outline Drawing


Similar Part No. - 2291

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2291 ETC2-2291 Datasheet
68Kb / 1P
WASHERS
logo
3M Electronics
2291 3M-2291 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
2291 HEYCO-2291 Datasheet
105Kb / 1P
Dome Plugs
logo
Keystone Electronics Co...
2291 KEYSTONE-2291 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
List of Unclassifed Man...
2291-6002 ETC2-2291-6002 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
More results

Similar Description - 2291

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com