Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC217 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC217
Description  1158- 횞 488-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC217 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC217 Datasheet HTML 10Page - Texas Instruments TC217 Datasheet HTML 11Page - Texas Instruments TC217 Datasheet HTML 12Page - Texas Instruments TC217 Datasheet HTML 13Page - Texas Instruments TC217 Datasheet HTML 14Page - Texas Instruments TC217 Datasheet HTML 15Page - Texas Instruments TC217 Datasheet HTML 16Page - Texas Instruments TC217 Datasheet HTML 17Page - Texas Instruments TC217 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TC217
1158-
× 488-PIXEL CCD IMAGE SENSOR
SOCS015C – OCTOBER 1989 – REVISED JUNE 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and free-air
temperature
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
60
73
dB
Charge conversion factor
6
µV/e
Charge transfer efficiency (see Note 3)
0.9999
0.99995
Signal response delay time,
τ (see Note 4 and Figure 18)
18
20
22
ns
Gamma (see Note 5)
0.89
0.94
0.99
Output resistance
600
1000
Ω
Noise voltage
1/f noise (5 kHz)
0.1
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.08
µV/√Hz
Noise equivalent signal
15
electrons
ADB (see Note 6)
20
Rejection ratio at 4.77 MHz
SRGn (see Note 7)
40
dB
ABG (see Note 8)
30
Supply current
6
9
mA
IAG
13000
SAG1, SAG2
11000
Input capacitance Ci
ABG
4100
pF
Input capacitance, Ci
TMG
150
pF
TRG
200
SRG1, SRG2, SRG3
180
† All typical values are at TA = 25 °C
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean noise signal divided by the saturation output signal. It is measured using a
correlated clamp-sample-and-hold circuit and with the image sensor’s antiblooming disabled.
3. Charge transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical input signal.
4. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output signal valid state.
5. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer function curve:
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
6. ADB rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ADB.
7. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on SRGn.
8. ABG rejection ratio is – 20 times the logarithm of the ac amplitude on OUTn divided by the ac amplitude on ABG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com