Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC245 Datasheet(PDF) 14 Page - Texas Instruments

Part # TC245
Description  786- 횞 488-pixel ccd image sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC245 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC245 Datasheet HTML 10Page - Texas Instruments TC245 Datasheet HTML 11Page - Texas Instruments TC245 Datasheet HTML 12Page - Texas Instruments TC245 Datasheet HTML 13Page - Texas Instruments TC245 Datasheet HTML 14Page - Texas Instruments TC245 Datasheet HTML 15Page - Texas Instruments TC245 Datasheet HTML 16Page - Texas Instruments TC245 Datasheet HTML 17Page - Texas Instruments TC245 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TC245
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS019A – DECEMBER 1991
2-14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Slew rate between 10% and 90% = 70 to 120 V/
µs, tr = 150 ns, tf = 90 ns.
tf
tr
0%
VIL max
10%
Intermediate Level
VIH min
90%
100%
Figure 11. Typical Clock Waveform for IAG, ABG and SAG
Slew rate between 10% and 90% = 300 V/
µs, tr = tf = 15 ns.
tf
tr
0%
VIL max
10%
VIH min
90%
100%
Figure 12. Typical Clock Waveform for SRG and TRG
Hold
and
Sample
100%
90%
OUT
SRG
– 9 V
0%
– 9 V to – 11 V
1.5 V to 2.5 V
CCD Delay
τ
15 ns
10 ns
Figure 13. SRG and CCD Output Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com