Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2446 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2446
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2446 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2446 Datasheet HTML 1Page - KR Electronics, Inc. 2446 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
KR 2446 Notch Filter
KR 2446 is a surface mount notch
filter. Other passband frequencies
are available. Please consult the
factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER
17 . 890
000
MHz
SPAN
30 . 000
000
MHz
Cor
24 Sep 2002 14:22:23
CH1
S21
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
100 . 000
000
MHz
Cor
24 Sep 2002 14:15:00
Figure 1
Amplitude Response
(10 dB/div )
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2446

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24460 ETC2-24460 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
24460 ETC2-24460 Datasheet
355Kb / 1P
METRIC STANDOFFS AND SPACERS
logo
TE Connectivity Ltd
2446038-1 TEC-2446038-1 Datasheet
8Mb / 28P
SAFETY LIGHT CURTAINS
2446038-1 TEC-2446038-1 Datasheet
8Mb / 28P
SAFETY LIGHT CURTAINS
2446038-2 TEC-2446038-2 Datasheet
8Mb / 28P
SAFETY LIGHT CURTAINS
More results

Similar Description - 2446

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com