Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2456 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2456
Description  Linear Phase Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2456 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2456 Datasheet HTML 1Page - KR Electronics, Inc. 2456 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
S21
LOG
5 dB/
REF 0 dB
CENTER
350 . 000
000
MHz
SPAN
300 . 000
000
MHz
Cor
CH2
S21
DEL
5 ns/
REF 0 s
Cor
Avg
16
Smo
12 Dec 2002 16:00:40
Amplitude & Group Delay
(5 dB/div & 5 nsec/div)
CH1
S21
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Cor
12 Dec 2002 15:57:59
KR 2456 Linear Phase Bandpass Filter
KR 2456 is a 9 pole linear phase bandpass filter. The center
frequency is 350 MHz and the approximate 3 dB bandwidth is
56 MHz. Please consult the factory for other frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 350 MHz center frequency
• Linear Phase
• 50 Ω
• SMA connectors
Typical Performance
www.krfilters.com
Figure 1
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2456

ManufacturerPart #DatasheetDescription
logo
Heyco.
2456 HEYCO-2456 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
2456 ABBATRON-2456 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2456 ADAFRUIT-2456 Datasheet
45Kb / 1P
101-A
logo
nVent. All rights reser...
24560-079 NVENT-SCHROFF-24560-079 Datasheet
167Kb / 2P
Cover plate for screw-fixing onto side panel
logo
nVent Electric plc
24560-141 NVENT-24560-141 Datasheet
8Mb / 18P
Multipacpro
09/2021
More results

Similar Description - 2456

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
Linear Phase, 8th Order Lowpass Filter
logo
KR Electronics, Inc.
2158-8-50 KR-2158-8-50 Datasheet
26Kb / 1P
Linear Phase Lowpass Filter
2160-8-50 KR-2160-8-50 Datasheet
25Kb / 1P
Linear Phase Lowpass Filter
2494 KR-2494 Datasheet
24Kb / 2P
Linear Phase Bandpass Filter
2494-1 KR-2494-1 Datasheet
371Kb / 2P
Linear Phase Bandpass Filter
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
Linear Phase 8th Order Lowpass Filter
logo
KR Electronics, Inc.
3207 KR-3207 Datasheet
126Kb / 3P
7 MHz Linear Phase Bandpass
3207-SMA KR-3207-SMA Datasheet
101Kb / 3P
7 MHz Linear Phase Bandpass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com