Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2464 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2464
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2464 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2464 Datasheet HTML 1Page - KR Electronics, Inc. 2464 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
MEM
LOG
10 dB/
REF 0 dB
CENTER
550 . 000
000
MHz
SPAN
400 . 000
000
MHz
*
Cor
Hld
20 Mar 2003 10:32:04
KR 2464 Bandpass Filter
KR 2464 is a 550 MHz bandpass filter. The minimum 3 dB
bandwidth is 102 MHz. Please consult the factory for other cen-
ter frequencies or bandwidths.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• 550 MHz center frequency
• Sharp transition to 50 dB
• 50 Ω
• SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2464

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2464 PULSE-2464 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Keystone Electronics Co...
2464 KEYSTONE-2464 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2464 HEYCO-2464 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
2464 ABBATRON-2464 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Toshiba Semiconductor
24640020 TOSHIBA-24640020 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
More results

Similar Description - 2464

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com